công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS2085A bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện LS2085A
Giải thích chi tiết về linh kiện  Reference Design Board Errata
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS2085A bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  LS2085A Datasheet HTML 1Page - NXP Semiconductors LS2085A Datasheet HTML 2Page - NXP Semiconductors LS2085A Datasheet HTML 3Page - NXP Semiconductors LS2085A Datasheet HTML 4Page - NXP Semiconductors LS2085A Datasheet HTML 5Page - NXP Semiconductors LS2085A Datasheet HTML 6Page - NXP Semiconductors LS2085A Datasheet HTML 7Page - NXP Semiconductors LS2085A Datasheet HTML 8Page - NXP Semiconductors LS2085A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This document lists and describes all known errata for the LS2085A/LS2088ARDB. It also describes the available
workaround for each errata and their detailed explanation, where necessary.
The table below lists the revision history of this document.
Table 1. Revision history
Revision
Date
Description
Rev 2
08/2017
• Updated E-00014.
• Updated E-00017.
Rev. 1
04/2017
Updated E-00014.
Rev. 0
03/2017
Initial public release.
This table summarizes all known errata and their workaround for the LS2085A/LS2088ARDB.
Table 2. LS2085A/LS2088ARDB errata summary
Errata
Name
Board revision
Found on
Fixed on
E-00001
JTAG voltage translator U37 is not required
Rev. B
Rev. B and higher
E-00002
COM1 (UART 1/ 3) port is not working
Rev. B
Rev. C and higher
E-00003
CPLD requires 1.8 V standby power for
programming
Rev. B
Rev. C and higher
E-00004
DDR4 connector U6 has a conflicting I2C address
with the connector U7
Rev. B and Rev. C
Rev. D and higher
E-00005
DDR4 connector U6 CLK + and CLK - signals are
reversed
Rev. B and Rev. C
Rev. B and higher
E-00006
Clocks are not generated properly to the PCIe slots
Rev. B and Rev. C
Rev. B and higher
E-00007
TESTSEL_B cannot be driven low
Rev. B and Rev. C
Rev. B and higher
E-00008
Only two 10 Gbit Ethernet copper ports can be
operated at the same time
Rev. B and Rev. C
Rev. D and higher
E-00009
DDR rate is limited to 1866 MT/s frequency when a
single DIMM is installed
Rev. B, Rev. C, and
Rev. D
Rev. E and higher
Table continues on the next page...
LS2085_88ARDBE
NXP Semiconductors
Board Errata
Rev. 2, 08/2017
LS2085A/LS2088A Reference Design Board Errata


Số phần tương tự - LS2085A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
LS2085A FREESCALE-LS2085A Datasheet
289Kb / 2P
1U form-factor tool for evaluation and design of value-added networking applications
More results

Mô tả tương tự - LS2085A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
Freescale Semiconductor...
P1020RDB-PB FREESCALE-P1020RDB-PB Datasheet
585Kb / 2P
P1020/P1011 Reference Design Board
P1022DS-PB FREESCALE-P1022DS-PB Datasheet
468Kb / 2P
P1020/P1011 Reference Design Board
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
Evaluation Board Reference Design
logo
STMicroelectronics
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
LED array reference design board
22-Jan-2008
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Freescale Semiconductor...
T1024 FREESCALE-T1024 Datasheet
549Kb / 49P
QorIQ T1024 Reference Design Board
logo
NXP Semiconductors
LS1043A NXP-LS1043A Datasheet
4Mb / 2P
QorIQ LS1043A Reference Design Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com