công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EEUFS1A331 bảng dữ liệu(PDF) 10 Page - Panasonic Semiconductor

tên linh kiện EEUFS1A331
Giải thích chi tiết về linh kiện  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1A331 bảng dữ liệu(HTML) 10 Page - Panasonic Semiconductor

Back Button EEUFS1A331 Datasheet HTML 4Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 5Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 6Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 7Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 8Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 9Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 10Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 11Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Matters to Be Observed When Using This Product
■ Because the impedance of the capacitor is close to the circuit impedance, capacitors connected in parallel in the circuit
may damage the whole current balance, in which, a ripple current higher than the rated ripple current may flow in some of
the capacitors. To prevent concentration of ripple current on the low-impedance side, use capacitors with the same part
number and avoid the partiality of cable impedances. Do not use capacitors connected in series.
■ When the capacitor is mounted on a double-side wiring board, do not place the wiring pattern directly underneath where
the product is mounted. In case the electrolytic solution leaks out, it may short-circuit the pattern and cause tracking or
migration. Consider a case where the product is a radial lead capacitor and is mounted on a board with through-holes.
In this case, if the sealing part of the capacitor and the board surface stick close to each other, solder flows up to the
capacitor during a dip soldering process, which may cause short circuit between the anode and cathode of the capacitor.
In such a case, the outer laminate of the product may be damaged. The position of holes, therefore, must be
determined properly.
■ When designing a printed board carrying radial lead capacitors, make through-holes across the gap equal to the gap
between the leads (terminals) of the capacitor. If the gap between the through-holes is narrower or wider than the gap
between the leads, stress is applied to the leads when the capacitor is inserted in the holes.
This may result in increasing leak current, short circuit, wire breaking, or electrolytic solution leakage.
■ A capacitor which has the pressure valve on the case must be provided with a space formed above the pressure valve
so that the pressure valve operates without hinderance. When the product is 6.3 mm to 16 mm in diameter, form a
space of 2 mm or larger. When the product is 18 mm in diameter, form a space of 3 mm or larger.
If the space is not large enough, it will impair the operability of the pressure valve and may lead to an explosion
incident.
■ Design the circuit in such that the pattern, especially a line pattern carrying high voltage or large current, is not
formed above the pressure valve. Upon its activation, the pressure valve emits a flammable high-temperature gas
of over 100 ℃. This may cause a secondary accident, such as the gas condensing on the pattern and the wire
sheathing being melted and catching on fire.
■ Be careful with resonance of the capacitor mounted on the board. When a large load is applied to the capacitor at the
frequency close to the resonance frequency, it may cause the capacitor to come off or widely change its characteristics.
■ Completely isolate the case of the capacitor from the cathode terminal and the circuit pattern.
■ The laminate or outer sleeve covering of the product is for displaying information on the product and does not
have a guaranteed insulating function.
The laminate may turn brown under a high-temperature condition. However, that does not cause problems with
markings recognition on the product surface or electrical performance.
The outer sleeve may crack when dipped in a xylene or toluene solution and exposed to high temperature.
■ Do not reuse a capacitor that was incorporated in a circuit set and energized in the past. Do not use a capacitor that
was dropped on the floor.
Do not use a capacitor in its compressed form. Compressing the capacitor makes it less airtight, resulting in poor
performance, shorter guaranteed life, and electrolyte leakage.
■ A re-striking voltage is generated in a capacitor in some cases. In such a case, let the capacitor discharge through
a resistor of about 1 kΩ.
■ When a capacitor is kept in storage for a long period, you may find the leak current from the capacitor has increased.
In such a case, make voltage adjustment through a resistor of about 1 kΩ.
■ Before mounting the capacitor on the board, confirm the ratings (capacitance, rated voltage, etc.) and polarity of the
capacitor. Before mounting a surface-mounted type capacitor, confirm its terminal dimensions and land size.
Before mounting a radial lead type capacitor, confirm its terminal interval and hole interval. If the terminal interval is
not the specified one, stress is applied to internal elements, which may cause problems, such as a short circuit
and insufficient mounting strength.
When the terminal interval and the hole interval of the radial lead type capacitor do not match and therefore the
capacitor’s leads need to be readjusted, make sure that the readjustment does not apply any stress to the capacitor’s
body.
 
1-Dec-23
 Mounting conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com