công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EEUFS1A331 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện EEUFS1A331
Giải thích chi tiết về linh kiện  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1A331 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  EEUFS1A331 Datasheet HTML 1Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 2Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 3Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 4Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 5Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 6Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 7Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 8Page - Panasonic Semiconductor EEUFS1A331 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
● Endurance : 105 ℃ 5000 h to 10000 h
● Malaysia
● Low ESR, Miniaturized (1 size smaller than series FR)
● RoHS compliant
Unit
:mm
47 to 330
390 to 1000
(120 Hz /+20
℃)
0.08
0.08
0.09
0.10
0.12
0.14
0.16
0.19
0.55
ø8×11.5, ø10×12.5 : 6000 h
ø8×15, ø10×16 : 8000 h, ø8×20 : 9000 h
ø10×20 to ø10×25, ø12.5×20 to ø12.5×35, ø16×20 to ø16×25 : 10000 h
60
120
1 k
10 k
100 k to
0.75
0.90
1.00
0.95
7.5
2.0
2.5
3.5
5.0
5.0
5.0
F
ød
0.5
0.5
0.6
0.6
0.6
0.8
0.8
øD
5.0
6.3
8.0
0.90
10.0
16.0
―
―
―
―
12.5 to 25
30 to 35
―
12.5
L
0.75
0.75
0.98
1.00
0.80
0.95
1.00
1.00
0.85
1.00
50
35
25
16
10
6.3
ø5×11, ø6.3×11.2 : 5000 h
100
80
63
0.45
0.60
After storage for 1000 h at +105
℃±2 ℃ with no voltage applied and then being
Capacitance range
27 μF to 10000 μF
0.65
0.22
Category temp. range
–40
℃ to +105 ℃
6.3 V to 100 V
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
(With voltage treatment)
27 to 33
Cap. (μF)
Capacitance change
Freq. (Hz)
After following life test with DC voltage and +105
℃±2 ℃ ripple current value applied
DC leakage current
Within the initial limit
Rated voltage
(V)
Dissipation factor
(tan δ)
For capacitance value
≧ 1000 μF, add 0.02 per every 1000 μF.
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage) when the
Dissipation factor (tan δ)
Duration
0.70
Radial Lead Type
Aluminum Electrolytic Capacitors
FS-A series
Features
Country of origin
Specifications
Frequency correction factor for ripple current
Dimensions
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
1200 to 10000
I
≦ 0.01 CV (μA) After 2 minutes
Rated voltage range
Capacitance tolerance
±20 % (120 Hz / +20
℃)
Leakage current
Within ±25 % of the initial value (6.3 V to 10 V : ±30 %)
Dissipation factor (tan δ)
≦ 200 % of the initial limit
Endurance
capacitors are restored to 20
℃, the capacitors shall meet the limits specified bellow.
stabilized at +20
℃, capacitors shall meet the limits specified in endurance.
Shelf life
Pressure relief
ø6.3≦
14min.
L*
Sleeve
3min.
øD
±0.5
øD
±0.5
* L ≦ 16
:L±1.5
L ≧ 20
:L±2.0
ø8
ø10 ≦


Số phần tương tự - EEUFS1A331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EEUFS1A331B PANASONIC-EEUFS1A331B Datasheet
77Kb / 4P
Aluminum Electrolytic Capacitors (Radial Lead Type)
More results

Mô tả tương tự - EEUFS1A331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com