công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2855IDE bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện LTC2855IDE
Giải thích chi tiết về linh kiện  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2855IDE bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button LTC2855IDE Datasheet HTML 4Page - Analog Devices LTC2855IDE Datasheet HTML 5Page - Analog Devices LTC2855IDE Datasheet HTML 6Page - Analog Devices LTC2855IDE Datasheet HTML 7Page - Analog Devices LTC2855IDE Datasheet HTML 8Page - Analog Devices LTC2855IDE Datasheet HTML 9Page - Analog Devices LTC2855IDE Datasheet HTML 10Page - Analog Devices LTC2855IDE Datasheet HTML 11Page - Analog Devices LTC2855IDE Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2854/LTC2855
8
285455fc
For more information www.linear.com/LTC2854
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If the receiver output is en-
abled (RE low) and A > B by 200mV, then RO will be high.
If A < B by 200mV, then RO will be low. If the receiver
inputs are open, shorted, or terminated without a signal,
RO will be high.
RE (Pin 2): Receiver Enable. A low enables the receiver.
A high input forces the receiver output into a high imped-
ance state.
DE (Pin 3): Driver Enable. A high on DE enables the driver.
A low input will force the driver outputs into a high imped-
ance. If RE is high with DE and TE low, the part will enter
a low power shutdown state.
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE high), then a low on DI forces the driver positive out-
put low and negative output high. A high on DI, with the
driver outputs enabled, forces the driver positive output
high and negative output low.
(DD/DE/GN)
TE (Pin 5): Internal Termination Resistance Enable. A high
input will connect a termination resistor (120Ω typical)
between pins A and B.
GND (Pins 6,11/6,13/6): Ground. Pins 11 and 13 are
backside thermal pad, connected to Ground.
Y (Pins NA/8/12): Positive Driver Output for LTC2855.
Z (Pins NA/9/13): Negative Driver Output for LTC2855.
B (Pins 9/10/14): Negative Receiver Input (and Negative
Driver Output for LTC2854).
A (Pins 8/11/15): Positive Receiver Input (and Positive
Driver Output for LTC2854).
VCC (Pins 10/12/16): Positive Supply. VCC = 3.0V < VCC <
3.6V. Bypass with 0.1µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com