công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2855IDE bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện LTC2855IDE
Giải thích chi tiết về linh kiện  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2855IDE bảng dữ liệu(HTML) 3 Page - Analog Devices

  LTC2855IDE Datasheet HTML 1Page - Analog Devices LTC2855IDE Datasheet HTML 2Page - Analog Devices LTC2855IDE Datasheet HTML 3Page - Analog Devices LTC2855IDE Datasheet HTML 4Page - Analog Devices LTC2855IDE Datasheet HTML 5Page - Analog Devices LTC2855IDE Datasheet HTML 6Page - Analog Devices LTC2855IDE Datasheet HTML 7Page - Analog Devices LTC2855IDE Datasheet HTML 8Page - Analog Devices LTC2855IDE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2854/LTC2855
3
285455fc
For more information www.linear.com/LTC2854
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted (Note 2).
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
|VOD|
Differential Driver Output Voltage
R = ∞, VCC = 3V (Figure 1)
R = 27Ω, VCC = 3V (Figure 1)
R = 50Ω, VCC = 3.13V (Figure 1)
l
l
l
1.5
2
VCC
VCC
VCC
V
V
V
D|VOD|
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
R = 27Ω or R = 50Ω (Figure 1)
l
0.2
V
VOC
Driver Common Mode Output Voltage
R = 27Ω or R = 50Ω (Figure 1)
l
3
V
D|VOC|
Change in Magnitude of Driver
Common Mode Output Voltage for
Complementary Output States
R = 27Ω or R = 50Ω (Figure 1)
l
0.2
V
IOZD
Driver Three-State (High Impedance)
Output Current on Y and Z
DE = OV, (Y or Z) = –7V, 12V (LTC2855)
H-Grade
l
l
±10
±50
µA
µA
IOSD
Maximum Driver Short-Circuit Current
–7V ≤ (Y or Z) ≤ 12V (Figure 2)
l
–250
180
±250
300
mA
mA
Receiver
IIN
Receiver Input Current (A, B)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = 12V
(Figure 3) (C-, I-Grade)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = –7V,
(Figure 3) (C-, I-Grade)
l
l
–100
125
µA
µA
DE = TE = 0V, VCC = 0V or 3.3V, VIN = 12V
(Figure 3) (H-Grade)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = –7V,
(Figure 3) (H-Grade)
l
l
–145
250
µA
µA
RIN
Receiver Input Resistance
RE = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(C-, I-Grade)
l
96
125
kΩ
RE = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(H-Grade)
l
48
125
kΩ
VTH
Receiver Differential Input Threshold
Voltage
–7V ≤ B ≤ 12V
l
±0.2
V
DVTH
Receiver Input Hysteresis
B = 0V
25
mV
VOH
Receiver Output HIGH Voltage
I(RO) = –4mA, A-B = 200mV, VCC = 3V
l
2.4
V
VOL
Receiver Output LOW Voltage
I(RO) = 4mA, A-B = –200mV, VCC = 3V
l
0.4
V
IOZR
Receiver Three-State (High Impedance)
Output Current on RO
RE = VCC, 0V ≤ RO ≤ VCC
l
±1
µA
IOSR
Receiver Short-Circuit Current
0V ≤ RO ≤ VCC
l
±85
mA
RTERM
Receiver Input Terminating Resistor
TE = VCC, VAB = 2V, VB = –7V, 0V, 10V
(Figure 8)
l
108
120
156
Ω
Logic
VIH
Logic Input High Voltage
VCC = 3.6V
l
2
V
VIL
Logic Input Low Voltage
VCC = 3V
l
0.8
V
IINL
Logic Input Current
l
0
±10
µA
Supplies
ICCS
Supply Current in Shutdown Mode
DE = 0V, RE = VCC, TE = 0V
(C-, I-Grade)
(H-Grade)
l
l
0
0
5
15
µA
µA
ICCR
Supply Current in Receive Mode
DE = 0V, RE = 0V, TE = 0V
l
370
900
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com