công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2850MP bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện LTC2850MP
Giải thích chi tiết về linh kiện  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button LTC2850MP Datasheet HTML 5Page - Analog Devices LTC2850MP Datasheet HTML 6Page - Analog Devices LTC2850MP Datasheet HTML 7Page - Analog Devices LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices LTC2850MP Datasheet HTML 10Page - Analog Devices LTC2850MP Datasheet HTML 11Page - Analog Devices LTC2850MP Datasheet HTML 12Page - Analog Devices LTC2850MP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2850/LTC2851/LTC2852
9
285012fe
For more information www.linear.com/LTC2850
FUNCTION TABLES
PIN FUNCTIONS
RO: Receiver Output. If the receiver output is enabled (RE
low) and A > B by 200mV, then RO will be high. If A < B
by 200mV, then RO will be low. If the receiver inputs are
open, shorted, or terminated without a valid signal, RO
will be high.
RE: Receiver Enable. A low enables the receiver. A high
inputforcesthereceiveroutputintoahighimpedancestate.
DE: Driver Enable. A high on DE enables the driver. A low
input will force the driver outputs into a high impedance.
If RE is high with DE low, the part will enter a low power
shutdown state.
DI: Driver Input. If the driver outputs are enabled (DE
high), then a low on DI forces the driver positive output
low and negative output high. A high on DI, with the driver
outputs enabled, forces the driver positive output high and
negative output low.
GND: Ground.
Y: Noninverting Driver Output for LTC2851 and LTC2852.
High impedance when driver disabled or unpowered.
Z:InvertingDriverOutputforLTC2851andLTC2852.High
impedance when driver disabled or unpowered.
A: Noninverting Receiver Input (and Noninverting Driver
Output for LTC2850). Impedance is >96kΩ in receive
mode or unpowered.
B: Inverting Receiver Input (and Inverting Driver Output
for LTC2850). Impedance is >96kΩ in receive mode or
unpowered.
VCC: Positive Supply. 3V ≤ VCC ≤ 3.6V. Bypass with 0.1µF
ceramic capacitor.
Exposed Pad: Ground. The exposed pads on the DFN
packages must be soldered to ground.
NC: Not connected internally for LTC2852 in SO-14
package.
LTC2850
Logic Inputs
Mode
A, B
RO
DE
RE
0
0
Receive
RIN
Driven
0
1
Shutdown
RIN
Hi-Z
1
0
Transceive
Driven
Driven
1
1
Transmit
Driven
Hi-Z
LTC2852
Logic Inputs
Mode
A, B
Y, Z
RO
DE
RE
0
0
Receive
RIN
Hi-Z
Driven
0
1
Shutdown
RIN
Hi-Z
Hi-Z
1
0
Transceive
RIN
Driven
Driven
1
1
Transmit
RIN
Driven
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com