| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FRDM33772BTPLEVB bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM33772BTPLEVB bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 7 page ![]() 8 EXPORT COMPLIANCE NXP Semiconductors makes product Export Control Classification Number (ECCN) and Harmonized Tariff Schedule (HTS) classifications available for informational purposes only and the classifications are subject to change without notice. Anyone importing or exporting/re-exporting an NXP item is solely responsible for assuring the ECCN and HTS they use is correct. Further, NXP does not provide guidance regarding the exportability of its products, software or technology. Such questions should be directed to the exporter’s internal Trade Compliance organization or legal counsel. NXP Product Number USHTS ECCN CCATS # ENC Status U.S. EAR - Regulatory Reference See parts list above 8542.39.0000 EAR99 The extended ECCN for all of our 5A002 devices is both a.1.a and a.1.b since we have both symmetric and asymmetric algorithms in all of our encrypted products. 9 AVAILABLE DOCUMENTATION Include direct links to high value assets as well as links to NXP.com, disty extranet and channel launch repository. Links to distributor extranet: https://nxp1.sharepoint.com/teams/ext96/SitePages/AAA%20Energy%20and%20Power%20Management.aspx Links to NXP.com: www.nxp.com/MC33772 Link to Datasheet(s) :short datasheet available on NXP.com Full datasheet to be shared under NDA per request *Please note that the Channel Launch Repository is for marketing assets like high res block diagram and board photography. This same information is also posted to the “product” launch folder on the distributor extranet for others outside of marketing who may need it. |