| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FRDM33772BTPLEVB bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM33772BTPLEVB bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 7 page ![]() 5 DEVELOPMENT TOOLS The MC33772B development kits provide an evaluation platform for designing Battery applications using our MC33772B is a Li-Ion battery cell controller IC Easy to Use tools: Fast Evaluation of Device performance Part Number Description FRDM33772BSPIEVB Evaluation board, MC33772B- Battery cell controller IC using SPI FRDM33772BTPLEVB Evaluation board, MC33772B- Battery cell controller IC using TPL BATT-14AAAPACK Configurable Battery Pack to supply the MC33771B / MC33772B EVB’s See the MC33664 or the MC33771B for additional enablement tools. 7 SUGGESTED STOCKING All silicon part numbers are available for ordering today. A full list of orderable part numbers can be found in the distributor price-book. Superset part numbers are available for stocking and orders can be placed immediately. “Development boards” are included in Price Book. Those devices highlighted below are highest priority for stocking based on anticipated popularity. Part Number 12NC Product Family MC33772BSP1AE 935358985557 MC33772 MC33772BSP1AER2 935358985528 MC33772 MC33772BTP1AE 935359123557 MC33772 MC33772BTP1AER2 935359123528 MC33772 MC33772BSA1AE 935358981557 MC33772 MC33772BSA1AER2 935358981528 MC33772 MC33772BTA1AE 935359127557 MC33772 MC33772BTA1AER2 935359127528 MC33772 MC33772BSP2AE 935358987557 MC33772 MC33772BSP2AER2 935358987528 MC33772 MC33772BTP2AE 935359125557 MC33772 MC33772BTP2AER2 935359125528 MC33772 MC33772BSA2AE 935358983557 MC33772 MC33772BSA2AER2 935358983528 MC33772 MC33772BTA2AE 935359129557 MC33772 MC33772BTA2AER2 935359129528 MC33772 MC33772BTC0AE 935363206557 MC33772 MC33772BTC0AER2 935363206528 MC33772 |