| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52811-QCAA-R bảng dữ liệu(PDF) 198 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R bảng dữ liệu(HTML) 198 Page - Nordic Semiconductor |
|
198 / 444 page ![]() Peripherals CCA Mode 1 CCA Mode 1 is enabled by first configuring the field CCACTRL.CCAMODE=EdMode and writing the CCACTRL.CCAEDTHRES field to a chosen value. Once the CCASTART task is written, the RADIO will perform a ED measurement for 8 symbols and compare the measured level with that found in the CCACTRL.CCAEDTHRES field. If the measured value is higher than or equal to this threshold, the CCABUSY event is generated. If the measured level is less than the threshold, the CCAIDLE event is generated. CCA Mode 2 CCA Mode 2 is enabled by configuring CCACTRL.CCAMODE=CarrierMode. The RADIO will sample to see if a valid SFD is found during the 8 symbols. If a valid SFD is detected, the CCABUSY event is generated and the device should not send any data. The CCABUSY event is also generated if the scan was performed during an ongoing frame reception. In the case where the measurement period completes with no SFD detection, the CCAIDLE event is generated. With CCACTRL.CCACORRCNT not being zero, the algorithm will look at the correlator output in addition to the SFD detection signal. If a SFD is reported during the scan period, it will terminate immidiately indicating busy medium. Similarly, if the number of peaks above CCACTRL.CCACORRTHRES crosses the CCACTRL.CCACORRCNT, the CCACTRL.CCABUSY event is generated. If less than CCACORRCOUNT crossings are found and no SFD is reported, the CCAIDLE event will be generated and the device can send data. CCA Mode 3 CCA Mode 3 is enabled by configuring CCACTRL.CCAMODE=CarrierAndEdMode or CCACTRL.CCAMODE=CarrierOrEdMode, performing the required logical combination of the result from CCA Mode 1 and 2. The CCABUSY or CCAIDLE events are generated by ANDing or ORing the energy above threshold and carrier detection scans. Shortcuts An ongoing CCA can always be stopped by issuing the CCASTOP task. This will trigger the associated CCASTOPPED event. For CCA mode automation, a number of shortcuts are available. • To automatically switch between RX (when performing the CCA) and to TX where the packet is sent, the shortcut between CCAIDLE and TXEN, in conjunction with the short between CCAIDLE and STOP muse be used. • To automatically disable the RADIO whenever the CCA reports a busy medium, the shortcut between CCABUSY and DISABLE can be used. • To immediately start a CCA after ramping up into RX mode, the shortcut between RXREADY and CCASTART can be used. Conversion The conversion from a CCAEDTHRES, CCA, or EDLEVEL value to dBm can be done with the following equation, where VALHARDWARE is the hardware-reported values, being either CCAEDTHRES, CCA or EDLEVEL, and constants ED_RSSISCALE and ED_RSSIOFFS are from electrical specifications. PRF[dBm] = ED_RSSIOFFS + ED_RSSISCALE x VALHARDWARE Figure 80: Conversion between hardware value and dBm 6.14.13.5 Cyclic redundancy check (CRC) IEEE 802.15.4 uses a 16-bit ITU-T cyclic redundancy check (CRC) calculated over the MAC header (MHR) and MAC service data unit (MSDU). The standard defines the following generator polynomial: 4454_140 v1.0 198 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |