công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52811-QCAA-R bảng dữ liệu(PDF) 381 Page - Nordic Semiconductor

tên linh kiện NRF52811-QCAA-R
Giải thích chi tiết về linh kiện  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R bảng dữ liệu(HTML) 381 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 377Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 378Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 379Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 385Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 444 page
background image
Peripherals
6.27.1 Functional description
Listed here are the main features of UART.
The UART implements support for the following features:
• Full-duplex operation
• Automatic flow control
• Parity checking and generation for the 9th data bit
As illustrated in UART configuration on page 380, the UART uses the TXD and RXD registers directly to
transmit and receive data. The UART uses one stop bit.
Note: External crystal oscillator must be enabled to obtain sufficient clock accuracy for stable
communication. See CLOCK — Clock control on page 61 for more information.
6.27.2 Pin configuration
The different signals RXD, CTS (Clear To Send, active low), RTS (Request To Send, active low), and TXD
associated with the UART are mapped to physical pins according to the configuration specified in the
PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD registers respectively.
If the CONNECT field of a PSEL.xxx register is set to Disconnected, the associated UART signal will not
be connected to any physical pin. The PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD registers and their
configurations are only used as long as the UART is enabled, and retained only for the duration the device
is in ON mode. PSEL.RXD, PSEL.CTS, PSEL.RTS and PSEL.TXD must only be configured when the UART is
disabled.
To secure correct signal levels on the pins by the UART when the system is in OFF mode, the pins must be
configured in the GPIO peripheral as described in Pin configuration on page 381.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
UART pin
Direction
Output value
RXD
Input
Not applicable
CTS
Input
Not applicable
RTS
Output
1
TXD
Output
1
Table 112: GPIO configuration
6.27.3 Shared resources
The UART shares registers and other resources with other peripherals that have the same ID as the UART.
Therefore, you must disable all peripherals that have the same ID as the UART before the UART can be
configured and used. Disabling a peripheral that has the same ID as the UART will not reset any of the
registers that are shared with the UART. It is therefore important to configure all relevant UART registers
explicitly to ensure that it operates correctly.
See the Instantiation table in Instantiation on page 18 for details on peripherals and their IDs.
6.27.4 Transmission
A UART transmission sequence is started by triggering the STARTTX task.
Bytes are transmitted by writing to the TXD register. When a byte has been successfully transmitted the
UART will generate a TXDRDY event after which a new byte can be written to the TXD register. A UART
transmission sequence is stopped immediately by triggering the STOPTX task.
4454_140 v1.0
381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com