| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
35801 bảng dữ liệu(PDF) 11 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
35801 bảng dữ liệu(HTML) 11 Page - Wiha Tools |
|
11 / 44 page ![]() 11 www.wihatools.com Set 7 Pcs. Blade high alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component. Item No. Size mm Size mm lbs. 36299 IP8 60 IP25 100 .99 IP10 80 IP30 115 IP15 80 IP40 130 IP20 100 Screwdriver With Wiha SoftFinish® Handle Round blade high alloy Chrome-vanadium-molybdenum tool steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Item No. Size mm Inch mm Inch mm Inch mm Inch lbs. pkg. 36211 IP6 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36223 IP7 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36228 IP8 60 2.4 4.0 .157 171 6.7 23 .91 .10 10 36229 IP9 60 2.4 4.0 .157 171 6.7 30 1.18 .11 10 36233 IP10 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36238 IP15 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36239 IP20 100 3.9 4.5 .177 211 8.3 36 1.42 .11 10 36243 IP25 100 3.9 5.5 .216 211 8.3 36 1.42 .19 10 36248 IP27 115 4.5 6.0 .236 233 9.2 36 1.42 .20 10 36253 IP30 115 4.5 7.0 .275 233 9.2 36 1.42 .28 10 36255 IP40 130 5.1 7.0 .275 254 10.0 41 1.61 .28 10 36299 362 Set 6 Pcs. Blade high alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component. Item No. Size mm Size mm lbs. 36296 IP6 60 IP9 60 .62 IP7 60 IP10 80 IP8 60 IP15 80 36296 Wiha Cushion Grip Drivers Not for use in standard Torx fasteners Set 8 Pcs. Blade high alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish handle, multi-component. Item No. Size mm Size mm lbs. 36297 IP6 60 IP10 80 1.47 IP7 60 IP15 80 IP8 60 IP20 100 IP9 60 IP25 100 36297 Screwdriver With Wiha SoftFinish® Handle In Clamshell Round blade high alloy Chrome-vanadium-molybdenum tool steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Item No. Size mm Inch mm Inch mm Inch mm Inch lbs. pkg. 36214 IP6 60 2.4 3.5 .139 164 6.5 23 .91 .06 1 36231 IP7 60 2.4 3.5 .139 164 6.5 23 .91 .06 1 36232 IP8 60 2.4 4.0 .157 171 6.7 23 .91 .10 1 36241 IP9 60 2.4 4.0 .157 171 6.7 30 1.18 .11 1 36242 IP10 80 3.1 4.0 .157 191 7.5 30 1.18 .11 1 36246 IP15 80 3.1 4.0 .157 191 7.5 30 1.18 .11 1 36247 IP20 100 3.9 4.5 .177 211 8.3 36 1.42 .11 1 36252 IP25 100 3.9 5.5 .216 211 8.3 36 1.42 .19 1 36262 IP27 115 4.5 6.0 .236 233 9.2 36 1.42 .20 1 36263 IP30 115 4.5 7.0 .275 233 9.2 36 1.42 .28 1 36265 IP40 130 5.1 7.0 .275 254 10.0 41 1.61 .28 1 362 Not for use in standard Torx fasteners In clamshell for hanging |