| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
35801 bảng dữ liệu(PDF) 10 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
35801 bảng dữ liệu(HTML) 10 Page - Wiha Tools |
|
10 / 44 page ![]() 10 Toll Free: (800) 494-6104 8 Piece Set Item : No. T6, T8, T10, T15, lbs. 36294 T20, T25, T27, T30 1.38 36294 12 Piece Set Item : No. T5, T6, T7, T8, T9, lbs. 36267 T10, T15, T20, T25, 2.03 T27, T30, T40 36267 Security Screwdriver With Wiha-SoftFinish® Handle Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Inch mm Inch mm Inch mm Inch lbs. pkg. 36269 T7s 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36271 T8s 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36273 T9s 60 2.4 4.0 .157 171 6.7 23 .91 .10 10 36275 T10s 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36277 T15s 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36279 T20s 100 3.9 4.0 .157 211 8.3 30 1.18 .11 10 36281 T25s 100 3.9 4.5 .177 211 8.3 30 1.18 .11 10 36283 T27s 115 4.5 5.5 .216 233 9.2 36 1.42 .19 10 36285 T30s 115 4.5 6.0 .236 233 9.2 36 1.42 .20 10 36287 T40s 130 5.1 7.0 .275 254 10.0 41 1.61 .28 10 Set 7 Pcs. Security Item Security : No. T7s, T8s, T9s, T10s, lbs. 36298 T15s, T20s, T25s .95 362 36298 Set 10 Pcs. Security Item Security : No. T7s, T8s, T9s, T10s, lbs. 36259 T15s, T20s, T25s, 1.5 T27s, T30s, T40s 36259 Wiha Security Screwdrivers 6 Piece SoftFinish® - Cushion Grip Set Round blade high alloy CVM steel, hardened, hard chromed. Wiha- Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component. Item No. Size mm Size mm lbs. 36291 T6 60 T9 60 .77 T7 60 T10 80 T8 60 T15 80 36291 Set 6 Pcs. Item No. Size mm Size mm lbs. 36201 T6 60 T15 80 .83 T8 60 T20 100 T10 80 T25 100 36201 #36291 Wiha SoftFinish® Screwdrivers Screwdriver, With Wiha-SoftFinish® Handle Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Inch mm Inch mm Inch mm Inch lbs. pkg. 36264 T5 60 2.4 2.5 .098 164 6.5 23 .91 .05 10 36266 T6 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36268 T7 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36270 T8 60 2.4 3.5 .139 164 6.5 23 .91 .06 10 36272 T9 60 2.4 4.0 .157 171 6.7 30 1.18 .10 10 36274 T10 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36276 T15 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36278 T20 100 3.9 4.0 .157 211 8.3 36 1.42 .11 10 36280 T25 100 3.9 4.5 .177 211 8.3 36 1.42 .12 10 36282 T27 115 4.5 5.5 .216 233 9.2 36 1.42 .19 10 36284 T30 115 4.5 6.0 .236 233 9.2 36 1.42 .20 10 36286 T40 130 5.1 7.0 .275 254 10.0 41 1.61 .27 10 36288 T45 130 5.1 8.0 .315 254 10.0 41 1.61 .31 10 362 Wiha Security Drivers |