| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD502B1 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD502B1 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 153 page ![]() Pin Name Pin Function Type Function Descriptions PE0 Port PE, pin 0 I/O Multiple functions 1. BHE 1. High byte enable, 16 bit data 2. PSEN 2. Read program memory, 8031 signal 3. WRH write high data byte 4. UDS 4. Upper Data Strobe 5. SIZ0 5. Byte enable, 68300 signal 6. PE0 6. I/O pin 7. PE0 7. ZPLD I/O pin 8. PE0 8. Latched Address Out – A0 PE1 Port PE, pin 1 I/O Multiple functions 1. ALE 1. Address strobe 2. PE1 2. I/O pin 3. PE1 3. ZPLD I/O pin 4. PE1 4. Latched Address Out – A1 PE2 Port PE, pin 2 Multiple functions 1. Intr Out 1. Interrupt Controller Output 2. PE2 I/O 2. I/O pin 3. PE2 3. ZPLD I/O pin 4. PE2 4. Latched Address Out – A2 PE3 Port PE, pin 3 Multiple functions 1. Timer0-In 1. Timer0 control input 2. PE3 I/O 2. I/O pin 3. PE3 3. ZPLD I/O pin 4. PE3 4. Latched Address Out – A3 PE4 Port PE, pin 4 Multiple functions 1. Timer1-In 1. Timer1 control input 2. PE4 I/O 2. I/O pin 3. PE4 3. ZPLD I/O pin 4. PE4 4. Latched Address Out – A4 5. TC0 5. Timer0 Terminal Count PE5 Port PE, pin 5 Multiple functions 1. Timer2-In 1. Timer2 control input 2. PE5 I/O 2. I/O pin 3. PE5 3. ZPLD I/O pin 4. PE5 4. Latched Address Out – A5 5. TC1 5. Timer1 Terminal Count PE6 Port PE, pin 6 Multiple functions 1. Timer3-In 1. Timer3 control input 2. PE6 I/O 2. I/O pin 3. PE6 3. ZPLD I/O pin 4. PE6 4. Latched Address Out – A6 5. TC2 5. Timer2 Terminal Count PE7 Port PE, pin 7 Multiple functions 1. APD CLK 1. Automatic Power Down Clock Input 2. PE7 I/O 2. I/O pin 3. PE7 3. ZPLD I/O pin 4. PE7 4. Latched Address Out – A7 5. TC3 5. Timer3 Terminal Count VSTBY VSTBY I SRAM power pin for standby operation (battery backup) VCC VCC I Chip VCC power pin GND GND I Chip ground pin PSD5XX Family 10 Table 2. PSD5XX Pin Descriptions (Cont.) |