| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD502B1 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD502B1 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 153 page ![]() PSD5XX Family 8 7.0 PSD5XX Family There are 7 unique devices in the PSD5XX family. The part classifications are based on EPROM size and data bus width. The features of each part are listed in Table 1. Part Bus DPLD + GPLD + PPLD I/O Timers Inter. WD * PMU EPROM SRAM # Bit Inputs Product Registered Pins Contr. K bit K bit Terms Macrocells 501B1 x8/x16 61 140 30 40 4 * 16 8 1 * 16 Yes 256 16 511B1 x8 61 140 30 40 4 * 16 8 1 * 16 Yes 256 16 502B1 x8/x16 61 140 30 40 4 * 16 8 1 * 16 Yes 512 16 512B0 x8 61 140 30 40 4 * 16 8 1 * 16 Yes 512 – 512B1 x8 61 140 30 40 4 * 16 8 1 * 16 Yes 512 16 503B1 x8/x16 61 140 30 40 4 * 16 8 1 * 16 Yes 1024 16 513B1 x8 61 140 30 40 4 * 16 8 1 * 16 Yes 1024 16 Table 1. PSD5XX Product Matrix WD = WatchDog Timer. PMU = Power Management Unit. *One of the four 16-Bit Timers. |