| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B72314P2 bảng dữ liệu(PDF) 21 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B72314P2 bảng dữ liệu(HTML) 21 Page - EPCOS |
|
21 / 23 page ![]() SIOV metal oxide varistors B72314P2*** Leaded varistors, AdvanceD-MP, S14 compact series SIOV-S14K***E2K55 September 2020 Please read Cautions and warnings and Page 21 of 23 Important notes at the end of this document. Symbols and terms Symbol Term C Capacitance C typ i Typical capacitance Current ic I leak i max I max In LCT Current at which Vc, max is measured Leakage current Maximum surge current (also termed peak current) Maximum discharge current Nominal discharge current to UL 1449 Lower category temperature L typ P max R ins R min TA tr UCT Typical inductance Maximum average power dissipation Insulation resistance Minimum resistance Ambient temperature Duration of equivalent rectangular wave Upper category temperature v Voltage V clamp v c, max V DC V jump v max V op V RMS V RMS, op, max V surge VV ∆V V W LD W max Clamping voltage Maximum clamping voltage at specified current ic DC operating voltage Maximum jump start voltage Maximum voltage Operating voltage AC operating voltage, root-mean-square value Root-mean-square value of max. DC operating voltage incl. ripple current Super imposed surge voltage Varistor voltage Tolerance of varistor voltage Maximum load dump Maximum energy absorption Lead spacing All dimensions are given in mm. The commas used in numerical values denote decimal points. Display of ordering codes for TDK Electronics products The ordering code for one and the same product can be represented differently in data sheets, data books, other publications, on the company website, or in order-related documents such as shipping notes, order confirmations and product labels. The varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. Detailed information can be found on the Internet under www.tdk-electronics.tdk.com/orderingcodes. |