công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B72314P2 bảng dữ liệu(PDF) 2 Page - EPCOS

tên linh kiện B72314P2
Giải thích chi tiết về linh kiện  Leaded varistors, AdvanceD-MP, S14 compact series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

B72314P2 bảng dữ liệu(HTML) 2 Page - EPCOS

  B72314P2 Datasheet HTML 1Page - EPCOS B72314P2 Datasheet HTML 2Page - EPCOS B72314P2 Datasheet HTML 3Page - EPCOS B72314P2 Datasheet HTML 4Page - EPCOS B72314P2 Datasheet HTML 5Page - EPCOS B72314P2 Datasheet HTML 6Page - EPCOS B72314P2 Datasheet HTML 7Page - EPCOS B72314P2 Datasheet HTML 8Page - EPCOS B72314P2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SIOV metal oxide varistors
B72314P2***
Leaded varistors, AdvanceD-MP, S14 compact series
SIOV-S14K***E2K55
September 2020
Please read
Cautions and warnings and
Page 2 of 23
Important notes at the end of this document.
Construction
 Round varistor element, leaded
 Coating: epoxy resin, flame-retardant to UL 94 V-0
 Terminals: tinned wire
Features
 High performance with smaller disk diameter
 Wide operating voltage range 130 to 460 VRMS
 All types duty cycle @ 6 kV/ 3 kA = >10 pulses, according to IEC 62368-1; G.8.2 and
IEC 60950-1; Annex Q, IEC 61051-2
 All types In @ 3 kA = >15 impulses according to UL 1449, 4
th
edition surge current generator
(8/20 µs), type 5 listed
 Multiple pulse handling capability
Approvals
 UL
 CSA
 VDE
 IEC
Delivery mode
 Bulk (standard), taped versions on reel or in Ammo pack upon request
 For further details refer to chapter "Taping, packaging and lead configuration" for leaded
varistors.
General technical data
Climatic category
to IEC 60068-1
40/105/56
Operating temperature
to IEC 61051
-40 ... +105
°C
Storage temperature
-40 ... +125
°C
Electric strength
to IEC 61051
≥ 2.5
kVRMS
Insulation resistance
to IEC 61051
≥ 100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com