công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B722 bảng dữ liệu(PDF) 19 Page - EPCOS

tên linh kiện B722
Giải thích chi tiết về linh kiện  SIOV metal oxide varistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

B722 bảng dữ liệu(HTML) 19 Page - EPCOS

Back Button B722 Datasheet HTML 15Page - EPCOS B722 Datasheet HTML 16Page - EPCOS B722 Datasheet HTML 17Page - EPCOS B722 Datasheet HTML 18Page - EPCOS B722 Datasheet HTML 19Page - EPCOS B722 Datasheet HTML 20Page - EPCOS B722 Datasheet HTML 21Page - EPCOS B722 Datasheet HTML 22Page - EPCOS B722 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called VV (1 mADC @ 0.2 ... 2 s).
To meet the specified value
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20 µs) applied.
To meet the specified value
Endurance at upper
category temperature
1000 h at UCT
After having continuously applied the
maximum allowable AC voltage at UCT
±2 °C for 1000 h, the specimen shall be
stored at room temperature and normal
humidity for 1 to 2 h.
Thereafter, the change of VV shall be
measured.
|
∆V/V (1 mA)| ≤10%
Surge current derating,
8/20
µs
10 surge currents (8/20
µs), unipolar,
interval 30 s, amplitude corresponding
to derating curve for 10 impulses at
20
µs
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Surge current derating,
2 ms
10 surge currents (2 ms), unipolar,
interval 120 s, amplitude corresponding
to derating curve for 10 impulses at
2 ms
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Electric strength
IEC 61051-1, test 4.9.2
Metal balls method, 2500 VRMS, 60 s
The varistor is placed in a container
holding 1.6
±0.2 mm diameter metal
balls such that only the terminations of
the varistor are protruding.
The specified voltage shall be applied
between both terminals of the specimen
connected together and the electrode
inserted between the metal balls.
No breakdown
Leaded varistors
B722*
StandarD series
Page 19 of 47
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com