| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC2G66DC bảng dữ liệu(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G66DC bảng dữ liệu(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 15 December 2016 13 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch 11.2 Additional dynamic characteristics Table 12. Additional dynamic characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C. Symbol Parameter Conditions Min Typ Max Unit THD total harmonic distortion RL =10k; CL =50pF; fi = 1 kHz; see Figure 20 VCC = 1.65 V - 0.032 - % VCC = 2.3 V - 0.008 - % VCC = 3.0 V - 0.006 - % VCC = 4.5 V - 0.005 - % RL =10k; CL =50pF; fi = 10 kHz; see Figure 20 VCC = 1.65 V - 0.068 - % VCC = 2.3 V - 0.009 - % VCC = 3.0 V - 0.008 - % VCC = 4.5 V - 0.006 - % f(3dB) 3 dB frequency response RL =600 ; CL = 50 pF; see Figure 21 VCC = 1.65 V - 135 - MHz VCC = 2.3 V - 145 - MHz VCC = 3.0 V - 150 - MHz VCC = 4.5 V - 155 - MHz RL =50 ; CL = 10 pF; see Figure 21 VCC = 1.65 V - 200 - MHz VCC = 2.3 V - 350 - MHz VCC = 3.0 V - 410 - MHz VCC = 4.5 V - 440 - MHz RL =50 ; CL = 5 pF; see Figure 21 VCC =1.65V - > 500 - MHz VCC =2.3 V - > 500 - MHz VCC =3.0 V - > 500 - MHz VCC =4.5 V - > 500 - MHz iso isolation (OFF-state) RL =600 ; CL =50pF; fi = 1 MHz; see Figure 22 VCC =1.65V - 46 - dB VCC =2.3 V - 46 - dB VCC =3.0 V - 46 - dB VCC =4.5 V - 46 - dB RL =50 ; CL =5pF; fi = 1 MHz; see Figure 22 VCC =1.65V - 37 - dB VCC =2.3 V - 37 - dB VCC =3.0 V - 37 - dB VCC =4.5 V - 37 - dB |