| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC2G66DC bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G66DC bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 15 December 2016 10 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch 11. Dynamic characteristics [1] Typical values are measured at Tamb =25 C and nominal VCC. [2] tpd is the same as tPLH and tPHL. [3] Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when driven by an ideal voltage source (zero output impedance). [4] ten is the same as tPZH and tPZL. [5] tdis is the same as tPLZ and tPHZ. [6] CPD is used to determine the dynamic power dissipation (PD in W). PD =CPD VCC2 fi N+ {(CL +CS(ON)) VCC2 fo} where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CS(ON) = maximum ON-state switch capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; {(C L +CS(ON)) VCC 2 f o} = sum of the outputs. Table 9. Dynamic characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Figure 19. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max tpd propagation delay nY to nZ or nZ to nY; see Figure 17 [2][3] VCC = 1.65 V to 1.95 V - 0.8 2.0 - 3.0 ns VCC = 2.3 V to 2.7 V - 0.4 1.2 - 2.0 ns VCC = 2.7 V - 0.4 1.0 - 1.5 ns VCC = 3.0 V to 3.6 V - 0.3 0.8 - 1.5 ns VCC = 4.5 V to 5.5 V - 0.2 0.6 - 1.0 ns ten enable time nE to nY or nZ; see Figure 18 [4] VCC = 1.65 V to 1.95 V 1.0 4.6 10 1.0 13.0 ns VCC = 2.3 V to 2.7 V 1.0 2.7 5.6 1.0 7.5 ns VCC = 2.7 V 1.0 2.7 5.0 1.0 6.5 ns VCC = 3.0 V to 3.6 V 1.0 2.4 4.4 1.0 6.0 ns VCC = 4.5 V to 5.5 V 1.0 1.8 3.9 1.0 5.0 ns tdis disable time nE to nY or nZ; see Figure 18 [5] VCC = 1.65 V to 1.95 V 1.0 3.8 9.0 1.0 11.5 ns VCC = 2.3 V to 2.7 V 1.0 2.1 5.5 1.0 7.0 ns VCC = 2.7 V 1.0 3.5 6.5 1.0 8.5 ns VCC = 3.0 V to 3.6 V 1.0 3.0 6.0 1.0 8.0 ns VCC = 4.5 V to 5.5 V 1.0 2.2 5.0 1.0 6.5 ns CPD power dissipation capacitance CL =50pF; fi =10MHz; VI =GND to VCC [6] VCC =2.5 V - 9.0 - - - pF VCC =3.3 V - 11.0 - - - pF VCC =5.0 V - 15.7 - - - pF |