công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G98GS bảng dữ liệu(PDF) 1 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G98GS
Giải thích chi tiết về linh kiện  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G98GS bảng dữ liệu(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G98GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G98GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LVC1G98 is a configurable multiple function gate with Schmitt-trigger inputs. The
device can be configured as any of the following logic functions MUX, AND, OR, NAND,
NOR, inverter and buffer; using the 3-bit input. All inputs can be connected to VCC or
GND.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V environments.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant input/output for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V).
24 mA output drive (V
CC =3.0 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C.
74LVC1G98
Low-power configurable multiple function gate
Rev. 3 — 10 September 2014
Product data sheet


Số phần tương tự - 74LVC1G98GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74LVC1G98GS NEXPERIA-74LVC1G98GS Datasheet
850Kb / 20P
Low-power configurable multiple function gate
More results

Mô tả tương tự - 74LVC1G98GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com