| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NKFSCSWH bảng dữ liệu(PDF) 15 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
NKFSCSWH bảng dữ liệu(HTML) 15 Page - PANDUIT CORP. |
|
15 / 20 page ![]() 15 visit www.panduit.com/NetKey Stackability Stackable hubs mount on top of one another to maximize use of enclosure space and offer easy expansion for additional drops. Phone Hub Test Ports/ Security Interface Enables testing of the incoming phone lines from the building demarcation point and connections from the enclosure to the residence to ensure performance. Security interface includes a built-in switch that overrides the phone service for emergency notifications, ensuring safety and security of unit or residence when needed. Grounding and Bonding Integrated grounding stud, along with optional grounding kit, provides means to properly ground the enclosure to the surrounding structure, protecting network equipment and maximizing uptime. Shear forms built-in to the enclosure work with the cable management kit for appropriate cable management. |