công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NKFSCSWH bảng dữ liệu(PDF) 11 Page - PANDUIT CORP.

tên linh kiện NKFSCSWH
Giải thích chi tiết về linh kiện  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFSCSWH bảng dữ liệu(HTML) 11 Page - PANDUIT CORP.

Back Button NKFSCSWH Datasheet HTML 7Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 8Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 9Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 10Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 11Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 12Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 13Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 14Page - PANDUIT CORP. NKFSCSWH Datasheet HTML 15Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
visit www.panduit.com/NetKey
NK4MFIW
NK2RMFIW
NK4RMFIW
NK4106MFIW
NetKey ® Module Frames and Furniture Faceplate
NK2106MFIW
For standard colors other than Off White, replace IW in part number with EI (Electric Ivory),
WH (White), IG (International Gray) or BL (Black).
NK2106MFIW
Screw mount “106” duplex module frame. Accepts two NetKey® Modules.
NK4106MFIW
Screw mount “106” duplex module frame. Accepts four NetKey® Modules.
NK2RMFIW
Screw mount module frame. Accepts two NetKey® Modules.
Compatible with standard NEMA outlet boxes and rectangular faceplates.
NK4RMFIW
Screw mount module frame. Accepts four NetKey® Modules. Compatible
with standard NEMA outlet boxes and rectangular faceplates.
NK4MFIW
Snap on modular furniture faceplate. Accepts four NetKey® Modules.
KWPY
NetKey ® Phone Plate
KWPY
Stainless steel wall phone plate accepts one NetKey® Module.
KWP3Y
Stainless steel wall phone plate supplied with one Category 3 keystone
leadframe module.
NetKey ® Surface Mount Boxes
NK4BXIW-AY
NK2BXIW-A
NK6BXIW-AY
• Accept all NetKey ® Modules
• Include mounting screws and adhesive tape
• Compatible with Panduit® LD3, LD5, and LD10 Raceway
CBM-X
For surface mount box standard colors other than IW (Off White), replace suffix with EI (Electric Ivory),
IG (International Gray) or WH (White).
NK2BXIW-A
Surface mount box accepts two NetKey® Modules.
NK4BXIW-AY
Surface mount box accepts four NetKey® Modules.
NK6BXIW-AY
Surface mount box accepts six NetKey® Modules.
CBM-X
Optional magnet for mounting on metal surfaces. Compatible with
NK2BXIW-A and NK4BXIW-AY.
Wall mount faceplate kits compatible with wall mountable phones with short patch cord connections
to the jack module.
KWP3Y
Part
Number
Description
Part
Number
Description
Part
Number
Description
Color
Off White
Off White
Off White
Off White
Off White
Color
Off White
Off White
Off White
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20