| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WS2812 bảng dữ liệu(PDF) 32 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
WS2812 bảng dữ liệu(HTML) 32 Page - Raspberry Pi Holdings PLC |
|
32 / 98 page ![]() These are similar to the sewable Flora NeoPixels, but with a pin arrangement that (with the addition of headers) fits neatly into a breadboard for prototyping. Also available in two formats: Pack of 4 (http://adafru.it/1312), ready to use as-is. Sheet of 25 (http://adafru.it/1558), cut off as needed. For both types, headers (http://adafru.it/392) are optional and not included. Breadboard-Friendly NeoPixels measure 10.2 x 12.7 millimeters (0.4 x 0.5 inches) and are RGB only; there’s no RGBW version. NeoPixel Mini PCB © Adafruit Industries https://learn.adafruit.com/adafruit-neopixel-uberguide Page 35 of 101 |