| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WS2812 bảng dữ liệu(PDF) 13 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
WS2812 bảng dữ liệu(HTML) 13 Page - Raspberry Pi Holdings PLC |
|
13 / 98 page ![]() A recent addition is RGB W NeoPixel strips. These add a fourth LED element — pure white — which is more “true” and pleasing to the eye than white mixed from red+green+blue. Like the RGB strips, they’re available in different pixel densities and backing strip colors. 30 RGBW LEDs per meter, white strip (http://adafru.it/2832) 30 RGBW LEDs per meter, black strip (http://adafru.it/2824) 60 RGBW LEDs per meter, white strip (http://adafru.it/2842) 60 RGBW LEDs per meter, black strip (http://adafru.it/2837) 144 RGBW LEDs per meter, white strip (http://adafru.it/2847) 144 RGBW LEDs per meter, black strip (http://adafru.it/2848) With a fourth LED per pixel, these strips may potentially draw up to 33% more current than their RGB equivalents. The maximum brightest cases are (approximately): 30 RGBW LEDs: 12 Watts (2.4 Amps at 5 Volts) 60 RGBW LEDs: 24 Watts (4.8 Amps at 5 Volts) 144 RGBW LEDs: 57 Watts (11.5 Amps at 5 Volts) Width is the same as “classic” NeoPixel strip…these are not the “skinny” size. “Neon-Like” NeoPixel Flex Strip © Adafruit Industries https://learn.adafruit.com/adafruit-neopixel-uberguide Page 16 of 101 |