công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-CM409F bảng dữ liệu(PDF) 79 Page - Analog Devices

tên linh kiện ADSP-CM409F
Giải thích chi tiết về linh kiện  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM409F bảng dữ liệu(HTML) 79 Page - Analog Devices

Back Button ADSP-CM409F Datasheet HTML 75Page - Analog Devices ADSP-CM409F Datasheet HTML 76Page - Analog Devices ADSP-CM409F Datasheet HTML 77Page - Analog Devices ADSP-CM409F Datasheet HTML 78Page - Analog Devices ADSP-CM409F Datasheet HTML 79Page - Analog Devices ADSP-CM409F Datasheet HTML 80Page - Analog Devices ADSP-CM409F Datasheet HTML 81Page - Analog Devices ADSP-CM409F Datasheet HTML 82Page - Analog Devices ADSP-CM409F Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Rev. A
|
Page 79 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
Asynchronous Flash Read
Table 37 and Figure 27 show asynchronous flash memory read timing, related to the static memory controller (SMC).
Table 37. Asynchronous Flash Read
Parameter
Min
Max
Unit
Switching Characteristics
tAMSADV
SMC0_Ax (Address)/SMC0_AMSx Assertion Before SMC0_AOE Low1
1 PREST value set using the SMC_BxETIM.PREST bits.
PREST × tSCLK – 2
ns
tWADV
SMC0_AOE Active Low Width2
2 RST value set using the SMC_BxTIM.RST bits.
RST × tSCLK – 3
ns
tDADVARE
SMC0_ARE Low Delay From SMC0_AOE High3
3 PREAT value set using the SMC_BxETIM.PREAT bits.
PREAT × tSCLK – 3
ns
tHARE
Output
4 Hold After SMC0_ARE High5
4 Output signals are SMC0_Ax, SMC0_AMS.
5 RHT value set using the SMC_BxTIM.RHT bits.
RHT × tSCLK – 2
ns
tWARE
6
6 SMC0_BxCTL.ARDYEN bit = 0.
SMC0_ARE Active Low Width
7
7 RAT value set using the SMC_BxTIM.RAT bits.
RAT × tSCLK – 2
ns
Figure 27. Asynchronous Flash Read
SMC0_Ax
(ADDRESS)
tAMSADV
tDADVARE
tWADV
tWARE
tHARE
READ LATCHED
DATA
SMC0_AMSx
(NOR_CE)
SMC0_AOE
(NOR_ADV)
SMC0_ARE
(NOR_OE)
SMC0_Dx
(DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More