công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5622 bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện AD5622
Giải thích chi tiết về linh kiện  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5622 bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button AD5622 Datasheet HTML 15Page - Analog Devices AD5622 Datasheet HTML 16Page - Analog Devices AD5622 Datasheet HTML 17Page - Analog Devices AD5622 Datasheet HTML 18Page - Analog Devices AD5622 Datasheet HTML 19Page - Analog Devices AD5622 Datasheet HTML 20Page - Analog Devices AD5622 Datasheet HTML 21Page - Analog Devices AD5622 Datasheet HTML 22Page - Analog Devices AD5622 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
AD5602/AD5612/AD5622
Rev. E | Page 21 of 23
APPLICATIONS INFORMATION
CHOOSING A REFERENCE AS POWER SUPPLY
The AD5602/AD5612/AD5622 come in tiny LFCSP and SC70
packages with less than 100 µA supply current, thereby making
the choice of reference dependent upon the application
requirement. For space-saving applications, the ADR425 is
available in an SC70 package with excellent drift at 3ppm/°C. It
also provides very good noise performance at 3.4 µV p-p in the
0.1 Hz to 10 Hz range.
Because the supply current required by the AD5602/AD5612/
AD5622 DACs is extremely low, they are ideal for low supply
applications. The ADR293 voltage reference is recommended in
this case. This requires 15 µA of quiescent current and can
therefore drive multiple DACs in the one system, if required.
AD5602/
AD5612/
AD5622
SCL
SDA
7V
5V
VOUT = 0V TO 5V
ADR425
Figure 50. ADR425 as Power Supply
Examples of some recommended precision references for use as
supplies to the AD5602/AD5612/AD5622 are shown in Table 9.
Table 9. Recommended Precision References
Device
No.
Initial
Accuracy
(mV max)
Temperature
Drift
(ppm/°C max)
0.1 Hz to 10 Hz Noise
(µV p-p typ)
ADR435
±6
3
3.4
ADR425
±6
3
3.4
ADR02
±5
3
15
ADR395
±6
25
5
BIPOLAR OPERATION
The AD5602/AD5612/AD5622 are designed for single-supply
operation, but a bipolar output range is also possible using the
circuit in Figure 51. The circuit in Figure 51 gives an output
voltage range of ±5 V. Rail-to-rail operation at the amplifier output
is achievable using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as


×
−
+
×
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
n
DD
O
2
where:
D represents the input code in decimal.
n represents the bit resolution of the DAC.
With VDD = 5 V, R1 = R2 = 10 kΩ.
V
5
2
10
−
×
=
n
O
D
V
This is an output voltage range of ±5 V with 0x000 corresponding
to a −5 V output, and 0xFFF corresponding to a +5 V output.
+5V
–5V
AD820/
OP295
+5V
AD5602/
AD5612/
AD5622
10µF
0.1µF
VDD
VOUT
R1
10k
Ω
SDA SCL
R2
10k
Ω
±5V OUT
Figure 51. Bipolar Operation with the AD5602/AD5612/AD5622
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the board.
The printed circuit board containing the AD5602/AD5612/
AD5622 has separate analog and digital sections, each having its
own area of the board. If theAD5602, AD5612, or AD5622 is in
a system in which other devices require an AGND to DGND
connection, the connection is made at one point only. This ground
point must be as close as possible to the AD5602/AD5612/
AD5622.
The power supply to the AD5602/AD5612/AD5622 is bypassed
with 10 µF and 0.1 µF capacitors. The capacitors must be
physically as close as possible to the device with the 0.1 µF
capacitor ideally right up against the device. The 10 µF
capacitors are the tantalum bead type. It is important that the
0.1 µF capacitor has low effective series resistance (ESR) and
effective series inductance (ESI), such as common ceramic types.
This 0.1 µF capacitor provides a low impedance path to ground
for high frequencies caused by transient currents due to internal
logic switching.
The power supply line has as large a trace as possible to provide
a low impedance path and reduce glitch effects on the supply
line. Clocks and other fast switching digital signals must be
shielded from other devices of the board by digital ground.
Avoid crossover of digital and analog signals if possible. When
traces cross on opposite sides of the board, ensure they run at
right angles to each other to reduce feedthrough effects through the
board. The best board layout technique is the microstrip
technique where the component side of the board is dedicated
to the ground plane only and the signal traces are placed on the
solder side. However, the microstrip technique is not always
possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com