công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0654 bảng dữ liệu(PDF) 49 Page - DFROBOT

tên linh kiện DFR0654
Giải thích chi tiết về linh kiện  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 bảng dữ liệu(HTML) 49 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 45Page - DFROBOT DFR0654 Datasheet HTML 46Page - DFROBOT DFR0654 Datasheet HTML 47Page - DFROBOT DFR0654 Datasheet HTML 48Page - DFROBOT DFR0654 Datasheet HTML 49Page - DFROBOT DFR0654 Datasheet HTML 50Page - DFROBOT DFR0654 Datasheet HTML 51Page - DFROBOT DFR0654 Datasheet HTML 52Page - DFROBOT DFR0654 Datasheet HTML 53Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
49/122
SPI communication is used in many sensors because it offers a faster speed compared to I2C and doesn t have the issue of address
conflicts. SPI is a high-speed, full-duplex, synchronous communication bus. The SPI of FireBeetle 2 ESP32-E can be configured to all I/O
ports, and you can refer to the underlying code for usage (not recommended for beginners). To provide a better user experience, FireBeetle
2 ESP32-E is configured by default with IO18 (SCK), IO19 (MISO), and IO23 (MOSI) as the SPI interface, which works well with Arduino.
Hardware Preparation:
FireBeetle 2 ESP32-E (https://www.dfrobot.com/product-2195.html) (SKU: DFR0654) ×1
Gravity: I2C OLED-128x64 Display (https://www.dfrobot.com/product-1576.html)(SKU: DFR0486)×1
Software Preparation:
Download GDL library: https://github.com/cdjq/DFRobot_GDL (https://github.com/cdjq/DFRobot_GDL)
Connection Diagram:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More