| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0654 bảng dữ liệu(PDF) 47 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0654 bảng dữ liệu(HTML) 47 Page - DFROBOT |
|
47 / 122 page ![]() 2023/10/12 11:00 FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654 47/122 Result: When the program is uploaded, open serial monitor and you can see that the UV sensor is constantly collecting the current light intensity value. #include "DFRobot_LTR390UV.h" DFRobot_LTR390UV ltr390(/*addr = */LTR390UV_DEVICE_ADDR, /*pWire = */&Wire); void setup() { Serial.begin(115200); while(ltr390.begin() != 0){ Serial.println(" Sensor initialize failed!!"); delay(1000); } Serial.println(" Sensor initialize success!!"); ltr390.setALSOrUVSMeasRate(ltr390.e18bit,ltr390.e100ms);//18-bit data, sampling rate 100ms ltr390.setALSOrUVSGain(ltr390.eGain3);//3x Gain ltr390.setMode(ltr390.eALSMode);//Set ambient light mode } void loop() { float als = 0; als = ltr390.readALSTransformData();//Read the converted data of ambient light, can only be used in ambient light mode Serial.print("ALS:"); Serial.print(als); Serial.println("Lux"); delay(1000); } |