công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0627 bảng dữ liệu(PDF) 6 Page - DFROBOT

tên linh kiện DFR0627
Giải thích chi tiết về linh kiện  Gravity: IIC to dual UART module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0627 bảng dữ liệu(HTML) 6 Page - DFROBOT

Back Button DFR0627 Datasheet HTML 2Page - DFROBOT DFR0627 Datasheet HTML 3Page - DFROBOT DFR0627 Datasheet HTML 4Page - DFROBOT DFR0627 Datasheet HTML 5Page - DFROBOT DFR0627 Datasheet HTML 6Page - DFROBOT DFR0627 Datasheet HTML 7Page - DFROBOT DFR0627 Datasheet HTML 8Page - DFROBOT DFR0627 Datasheet HTML 9Page - DFROBOT DFR0627 Datasheet HTML 10Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2023/10/12 10:51
Gravity: IIC to dual UART module Wiki - DFRobot
https://wiki.dfrobot.com/Gravity: IIC to Dual UART Module SKU: DFR0627
6/16
Just like other hardware serial ports, the baud rate of the extended UARTs on the module need to be set. For instance, set UART1 to 9600,
UART2 to 115200, as shown below:
iicSerial1.begin(9600);
//init UART1, set baud rate to 9600
iicSerial2.begin(115200); //init UART2, set baud rate to 115200
The IIC to dual UART module adopts 14.7456M crystal oscillator, and it supports the following baud rate:
NO.
1
2
3
4
5
6
7
8
Baud Rate
2400
4800
57600
7200
9600
14400
19200
28800
Baud Rate
38400
76800
115200
153600
230400
460800
307200
921600
Users can directly the above baud rate or define their own baud rate, such as 12800, etc.
NOTE: Since crystal oscillator and baud rate are closely related, and not all baud rates are supported by the former. So users have to do
test on their own when using user-defined baud rate.
Requirements
Hardware
DFRduino UNO R3 (https://www.dfrobot.com/product-838.html) (or similar) x 1
IIC to dual UART module x1
Software
Arduino IDE (https://www.arduino.cc/en/Main/Software)
Download and install the IIC serial Library and Example Program (https://github.com/DFRobot/DFRobot_IICSerial) (About how to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16