| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0627 bảng dữ liệu(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0627 bảng dữ liệu(HTML) 4 Page - DFROBOT |
|
4 / 16 page ![]() 2023/10/12 10:51 Gravity: IIC to dual UART module Wiki - DFRobot https://wiki.dfrobot.com/Gravity: IIC to Dual UART Module SKU: DFR0627 4/16 T Transmit R Receive Tutorial DIP vs IIC Address The IIC to dual UART module is a non-standard IIC device with various addresses. IIC address has 7 bits. When running the IIC scanning program, as long as the upper 4 bits are the same as that of the module, and there will be reponse. So you can scan multiple IIC addresses with same upper 4 bits on one module. Module IIC Configuration: Bit 6 5 4 3 2 1 0 Value IA1 IA0 1 0 C1 C0 0/1 The 6th bit: IA1 corresponds with the value of DIP switch Al on the module. The 5th bit: IA0 corresponds with the value of DIP switch A0 on the module. The relation between DIP switch and IA1/IA0 DIP Switch IA1 and IA0 A1 A0 IA1 IA0 0 0 0 0 0 1 0 1 1 0 1 0 |