công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MST14DP122HD bảng dữ liệu(PDF) 1 Page - StarTech.com Ltd.

tên linh kiện MST14DP122HD
Giải thích chi tiết về linh kiện  DP to Dual HDMI MST HUB - Dual HDMI 4K 60Hz - DisplayPort Multi Monitor Adapter with 1ft / 30cm cable - DP 1.4 Multi Stream Transport Hub, DSC HBR3 - DP to HDMI Splitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STARTECH [StarTech.com Ltd.]
Trang chủ  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MST14DP122HD bảng dữ liệu(HTML) 1 Page - StarTech.com Ltd.

  MST14DP122HD Datasheet HTML 1Page - StarTech.com Ltd. MST14DP122HD Datasheet HTML 2Page - StarTech.com Ltd. MST14DP122HD Datasheet HTML 3Page - StarTech.com Ltd. MST14DP122HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DP to Dual HDMI MST HUB - Dual HDMI 4K 60Hz - DisplayPort Multi Monitor Adapter with 1ft /
30cm cable - DP 1.4 Multi Stream Transport Hub, DSC HBR3 - DP to HDMI Splitter
Product ID: MST14DP122HD
This DisplayPort to HDMI MST Hub drives two 4K 60Hz HDMI monitors from a DisplayPort enabled Windows device.
This DisplayPort to HDMI video splitter allows you to connect up to two additional displays in extended or mirror
mode. Connecting two independent 4K 60Hz displays creates high-performance workstations for users in your
organization, enabling easier multi-tasking, resulting in increased productivity.
Native support for MST, on any Windows device, enables an easy set up. This MST Hub separates the single stream
into two independent signals, one for each HDMI enabled display. Support for High Dynamic Range (HDR) offers
increased contrast, brightness, colors, and greater luminosity.
MST offers an easy setup, by natively working on any Windows device. Plug-and-play installation with no drivers or
software required. A 12in (30cm) attached cable provides options for flexible installation configurations, reducing the
amount of strain on ports and connectors. Additionally, this dual-monitor splitter is USB powered (USB Cable
included).
MST14DP122HD is backed by a StarTech.com 3-year warranty, and a lifetime of free, North American based,
multilingual technical support.
Certifications, Reports and Compatibility


Số phần tương tự - MST14DP122HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
StarTech.com Ltd.
MST14DP123DP STARTECH-MST14DP123DP Datasheet
201Kb / 6P
3-Port DisplayPort MST Hub - DP 1.4
More results

Mô tả tương tự - MST14DP122HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
B156002HDMI TRIPPLITE-B156002HDMI Datasheet
509Kb / 2P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
logo
Tripp Lite. All Rights ...
B155-002-HD-V2 TRIPPLITE-B155-002-HD-V2 Datasheet
494Kb / 3P
2-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-HD-V2 TRIPPLITE-B156-002-HD-V2 Datasheet
498Kb / 3P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-HD-V2 TRIPPLITE-B156-003-HD-V2 Datasheet
506Kb / 3P
3-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-004-HD-V2 TRIPPLITE-B156-004-HD-V2 Datasheet
520Kb / 3P
4-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160
B155-003-HD-V2 TRIPPLITE-B155-003-HD-V2 Datasheet
505Kb / 3P
3-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
B155-004-HD-V2 TRIPPLITE-B155-004-HD-V2 Datasheet
514Kb / 3P
4-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com