| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L8229 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L8229 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 42 page ![]() Obsolete Product(s) - Obsolete Product(s) L8229 SPI programming 35/42 The output states during these cases of recirculation could be summarized as below: (only OUTA to OUTB current flowing is described) 9.4 Mixed Decay 1) ACTIVE SYNC recirculation could be divided in following cases. 1a) No reverse current detected during Toff 1b) Reverse current detected during Fast Recirculation of Toff 1c) Reverse current detected during Slow Recirculation of Toff HA on HB off LA off LB on Current increasing in the load. All off Anticross state (fast recirculation through LA and HB body diodes). HA off HB on LA on LB off FAST SYNC recirculation through DMOS till end of fast decay time. HA off HB off LA on LB off Anticross state (fast recirculation through LA DMOS and HB body diode). HA off HB off LA on LB on SLOW SYNC recirculation till end of Toff. HA off HB off LA off LB on Anticross state (slow recirculation through LA body diode and LB DMOS). HA on HB off LA off LB on Current increasing in the load. HA on HB off LA off LB on Current increasing in the load. All off Anticross state (fast recirculation through LA and HB body diodes). HA off HB on LA on LB off FAST SYNC recirculation through DMOS till reverse current is detected. All off Hi-Z state till end of Toff. HA on HB off LA off LB on Current increasing in the load. HA on HB off LA off LB on Current increasing in the load. All off Anticross state (fast recirculation through LA and HB body diodes). HA off HB on LA on LB off FAST SYNC recirculation through DMOS till end of fast decay time. HA off HB off LA on LB off Anticross state (fast recirculation through LA DMOS and HB body diode). HA off HB off LA on LB on SLOW SYNC recirculation till reverse current is detected. All off Hi-Z state till end of Toff. HA on HB off LA off LB on Current increasing in the load. |