| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XK21 bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
XK21 bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 29 page ![]() R31DS0145EU0116 Rev. 1.16 Page 23 Sep 24, 2025 XK Datasheet The set of available output frequencies are abbreviated into 3 digit codes to create the order-able part number. These abbreviations are defined in Table 27. If only one configuration is specified, the second and third configurations will be configured identically. If two configurations are specified, the third configuration will be configured identically to the configuration with the lowest frequency. Note that available output frequencies are grouped into frequency groups. Refer to Figure 21 for the definition of the frequency groups. Table 27. Frequency Codes [1] 1. Contact Renesas for availability of specific frequencies not listed. Code (fff) Frequency (MHz) 050 50 100 100 106 106.25 122 122.88 125 125 153 153.6 156 156.25 161 161.1328125 212 212.5 245 245.76 250 250 307 307.2 312 312.5 322 322.265625 425 425 491 491.52 500 500 614 614.4 625 625 644 644.53125 983 983.04 C50 1250 |