công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1391000000 bảng dữ liệu(PDF) 1 Page - Weidmuller

tên linh kiện 1391000000
Giải thích chi tiết về linh kiện  KLIPPON POK 162609
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEIDMULLER [Weidmuller]
Trang chủ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1391000000 bảng dữ liệu(HTML) 1 Page - Weidmuller

  1391000000 Datasheet HTML 1Page - Weidmuller 1391000000 Datasheet HTML 2Page - Weidmuller 1391000000 Datasheet HTML 3Page - Weidmuller 1391000000 Datasheet HTML 4Page - Weidmuller 1391000000 Datasheet HTML 5Page - Weidmuller 1391000000 Datasheet HTML 6Page - Weidmuller 1391000000 Datasheet HTML 7Page - Weidmuller 1391000000 Datasheet HTML 8Page - Weidmuller 1391000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data sheet
KLIPPON POK 162609
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
The Klippon® POK enclosure range is made from a high-
quality glass fibre reinforced polyester and is ideal for
applications and environments where corrosion resis-
tance, impact resistance and a high IP protection class are
a requirement.
Key features of the extensive product range:
• Available in 17 sizes
• Two standard finishes (colours): grey (similar to RAL
7001 for industrial use) and black (similar to RAL 9011
for harsh environments, Ex)
• Cover with stainless steel screws in cross-head / slotted
design
• Moulded gasket made of silicone or chloroprene
• Fixing holes outside the sealed area to ensure high
ingress protection of IP66
• Impact resistance up to 7 Joules
• Mounting directly in the enclosure or using an internal
mounting plate
• Direct wall mounting possible using fixing holes or
mounting feet
• Fastening thread to attach mounting rails and plates
• Up to E60 fire rating dependent on the configuration
• Weidmüller can manufacture and supply this enclosure
to match customer specifications - fitted with all neces-
sary terminals and cable glands.
General ordering data
 
Version
Klippon POK (polyester empty enclosure), Empty
enclosure, Height: 160 mm, Width: 260 mm,
Depth: 90 mm, Basic material: Glass fibre-rein-
forced polyester, untreated, polished, Silver grey
Order No.
1305900000
Type
KLIPPON POK 162609
GTIN (EAN)
4050118108309
Qty.
1 items
 
 
Creation date 20.02.2026 07:11:41 MEZ
 
Catalogue status / Drawings
1


Số phần tương tự - 1391000000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Weidmuller
1391000000 WEIDMULLER-1391000000 Datasheet
141Kb / 2P
KLIPPON COPL 162609
1391000000 WEIDMULLER-1391000000 Datasheet
492Kb / 13P
KLIPPON POK 162609 EX
More results

Mô tả tương tự - 1391000000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
logo
Texas Instruments
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
Boost and Dual LDOs with POK
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com