| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P342NP bảng dữ liệu(PDF) 34 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P342NP bảng dữ liệu(HTML) 34 Page - ELAN Microelectronics Corp |
|
34 / 102 page ![]() EM78P341N/342N/343N 8-Bit Microprocessor with OTP ROM 28 • Product Specification (V1.0) 12.01.2006 (This specification is subject to change without further notice) Bit 6 ~ Bit 4 (HTS2 ~ HTS0): High-time scale bits: HTS2 HTS1 HTS0 High-time rate 0 0 0 1:2 0 0 1 1:4 0 1 0 1:8 0 1 1 1:16 1 0 0 1:32 1 0 1 1:64 1 1 0 1:128 1 1 1 1:256 Bit 3 (LTSE): Low-time scale enable bit. 0 = scale disable bit, Low-time rate is 1:1 1 = scale enable bit, Low-time rate is set as Bit 2~Bit 0. Bit 2 ~ Bit 0 (LTS2 ~ LTS0): Low-time scale bits: LTS2 LTS1 LTS0 Low-time Rate 0 0 0 1:2 0 0 1 1:4 0 1 0 1:8 0 1 1 1:16 1 0 0 1:32 1 0 1 1:64 1 1 0 1:128 1 1 1 1:256 6.2.19 IOCC1 (TCC Prescaler Counter) TCC prescaler counter can be read and written to: PST2 PST1 PST0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 TCC Rate 0 0 0 - - - - - - - V 1:2 0 0 1 - - - - - - V V 1:4 0 1 0 - - - - - V V V 1:8 0 1 1 - - - - V V V V 1:16 1 0 0 - - - V V V V V 1:32 1 0 1 - - V V V V V V 1:64 1 1 0 - V V V V V V V 1:128 1 1 1 V V V V V V V V 1:256 V = valid value The TCC prescaler counter is assigned to TCC (R1). The contents of the IOCC1 register are cleared when one of the following occurs: a value is written to TCC register a value is written to TCC prescaler bits (Bits 3, 2, 1, 0 of CONT) power-on reset, /RESET WDT time out reset |