công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM9010EP bảng dữ liệu(PDF) 29 Page - List of Unclassifed Manufacturers

tên linh kiện DM9010EP
Giải thích chi tiết về linh kiện  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010EP bảng dữ liệu(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DM9010EP Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
29
Version: DM9010-DS-P03
Apr. 28, 2005
7. EEPROM Format
name
Word
offset
Description
MAC address
0
0~5
6 Byte Ethernet Address
Auto Load Control
3
6-7
Bit 1:0=01: Update vendor ID and product ID
Bit 3:2=01: Accept setting of WORD6 [8:0]
Bit 5:4=01: Accept setting of WORD6 [11:9]
Bit 7:6=01: Accept setting of WORD7 [3:0]
Bit 11:10=01: Accept setting of WORD7 [7]
Bit 13:12=01: Accept setting of WORD7 [8]
Bit 15:14=01: Accept setting of WORD7 [14]
Vendor ID
4
8-9
2 byte vendor ID (Default: 0A46H)
Product ID
5
10-11 2 byte product ID (Default: 9000H)
pin control
6
12-13 When word 3 bit [3:2]=01, these bits can control the IOR#, IOW# and INT pins
polarity.
Bit0: Reserved
Bit1: IOR# pin is active low when set (default: active low)
Bit2: IOW# pin is active low when set (default: active low)
Bit3: INT pin is active low when set (default: active high)
Bit4: INT pin s open-collected (default: force output)
Bit 8:5: Reserved
When word 3 bit [5:4]=01, the I/O base can be re-configured.
Bit11:09: I/O base (default: 300H)
000 : 300H
001 : 310H
010 : 320H
011 : 330H
100 : 340H
101 : 350H
110 : 360H
111 : 370H
Bit15:12: reserved
Wake-up mode control
7
14-15 Bit0: The WAKE pin is active low when set (default: active high)
Bit1: The WAKE pin is in pulse mode when set (default: level mode)
Bit2: magic wakeup event is enabled when set. (default: disable))
Bit3: link_change wakeup event is enabled when set (default: disable)
Bit6:4: reserved
Bit7: LED mode 1 (default: 0)
Bit8: internal PHY is enabled after power-on (default: disable)
Bit13:9: reserved
Bit14: 1: AUTO-MDIX ON, 0: AUTO-MDIX OFF(default ON)
Bit15: reserved
RESERVED
8
16-17
RESERVED
9
18-19
RESERVED
10
20-21
RESERVED
11
22-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com