công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM9010EP bảng dữ liệu(PDF) 18 Page - List of Unclassifed Manufacturers

tên linh kiện DM9010EP
Giải thích chi tiết về linh kiện  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010EP bảng dữ liệu(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DM9010EP Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
18
Version: DM9010-DS-P03
Apr. 28, 2005
1
RXOV
PHS0,RO RX FIFO Overflow
0
RESERVED
0,RO
Reserved
6.3 TX Control Register (02H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
TJDIS
PHS0,RW
Transmit Jabber Disable
When set, the transmit Jabber Timer (2048 bytes) is disabled. Otherwise it is Enable
5
EXCECM
PHS0,RW Excessive Collision Mode Control : 0:aborts this packet when excessive collision
counts more than 15, 1: still tries to transmit this packet
4
PAD_DIS2
PHS0,RW PAD Appends Disable for Packet Index 2
3
CRC_DIS2
PHS0,RW CRC Appends Disable for Packet Index 2
2
PAD_DIS1
PHS0,RW PAD Appends Disable for Packet Index 1
1
CRC_DIS1
PHS0,RW CRC Appends Disable for Packet Index 1
0
TXREQ
PHS0,RW TX Request. Auto clears after sending completely
6.4 TX Status Register I ( 03H ) for packet index I
Bit
Name
Default
Description
7
TJTO
PHS0,RO
Transmit Jabber Time Out
It is set to indicate that the transmitted frame is truncated due to more than 2048
bytes are transmitted
6
LC
PHS0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal Loopback mode
5
NC
PHS0,RO
No Carrier
It is set to indicate that there is no carrier signal during the frame transmission. It is
not valid in internal Loopback mode
4
LC
PHS0,RO
Late Collision
It is set when a collision occurs after the collision window of 64 bytes
3
COL
PHS0,RO
Collision Packet
It is set to indicate that the collision occurs during transmission
2
EC
PHS0,RO
Excessive Collision
It is set to indicate that the transmission is aborted due to 16 excessive collisions
1:0
RESERVED
0,RO
Reserved
6.5 TX Status Register II ( 04H ) for packet index I I
Bit
Name
Default
Description
7
TJTO
PHS0,RO
Transmit Jabber Time Out
It is set to indicate that the transmitted frame is truncated due to more than 2048
bytes are transmitted
6
LC
PHS0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal Loopback mode
5
NC
PHS0,RO
No Carrier
It is set to indicate that there is no carrier signal during the frame transmission. It is
not valid in internal Loopback mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com