công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

84134331 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện 84134331
Giải thích chi tiết về linh kiện  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

84134331 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  84134331 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
SIMM Series Output Modules
* 6.2 mm wide and 65 mm deep
* DIN Rail mounted
* LED input status indicator
* Bridges enable quick linking of common voltage
* Identification zone on front face
* IP20
84145041
84145042
84145043
84145046
Nominal voltage
24Vdc
24Vac/dc
110Vac/dc
230Vac
Operating voltage range
19.2-30Vdc
19.2-30Vac/dc
95-125Vac/dc
195-253Vac/dc
Max input current
20 mA
20 mA
5 mA
6
Operating voltage range
1-250Vac
1-250Vac
1-250Vac
1-250Vac
Max current
6A
6A
6A
6A
Operating temperature range
-25 to 60°C
-25 to 60°C
-25 to 60°C
-25 to 60°C
Storage temperature range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Turn-On time
8 ms
8 ms
8 ms
8 ms
Turn-Off time
10 ms
10 ms
10 ms
10 ms
Switching frequency
10 Hz
10 Hz
10 Hz
10 Hz
Mechanical Life (operations)
> 10 x 10
6
> 10 x 10
6
> 10 x 10
6
> 10 x 10
6
Electrical Life (number of operation)
6 x 10
6
6 x 10
6
6 x 10
6
6 x 10
6
Weight
1.23 oz
1.23 oz
1.23 oz
1.23 oz
Contact Material
Contact Arrangement
SPDT
SPDT
SPDT
SPDT
Dimensions:
Wiring Diagram and Thermal Curves:
Relay Output:
84145041 / 042 / 043 / 046
Accessories
84145050
84145052
Front Panel marker ( 88 per bag )
10 postion jumper - Blue
84145051
84145053
2 Pole "Common" Jumper
10 postion jumper - Red
AgSnO2
Part numbers
Input Characteristics (at ambient 25 C°)
Output Characteristics (at ambient 25 C°)
General Characteristics
Products and specifications subject to change without notice.
Consult factory for applications. www.crouzet-usa.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com