công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

84134331 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện 84134331
Giải thích chi tiết về linh kiện  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

84134331 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 84134331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 13Page - List of Unclassifed Manufacturers 84134331 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
4
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
GA5 range
s
TRIAC low-cost solid state relay
s
Input voltage 3-32 V
c or 90-280 V a c
s
Peak voltage: 600 V
s
UL/CSA approved
s
Certain models are VDE approved
s
Input to output insulation voltage: 4000 V
s
Protection by RC filter
Zero voltage switching
10 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
Zero voltage switching
25 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
Faston tag connectors
Zero voltage switching
10 A
24 • 280 V
a
3 • 32 V
c
600 V
25 A
24 • 280 V
a
90 • 280 V
a c
600 V
EMC level 3
10 A
24 • 280 V
a
3 • 32 V
c
600 V
25 A
24 • 280 V
a
90 • 280 V
a c
600 V
Versions
Rating
Output voltages
Input voltages
Peak voltages
84 061 231
84 061 233
84 061 431
84 061 433
84 061 531
84 061 631
84 131 900
84 131 910
Part number
Thermal dissipation curves
GA5 range - 10 A
GA5 range - 25 A
12
9
6
3
02
92
98
105
112
119
4
6
8
10 20 30 40 50 60 70 80
10
5°C
/ W
6°C
/ W
7°C
/ W
8°C
/ W
10°C
/ W
20°C
/ W
On-state current
(A)
No heatsink
Ambient
temperature °C
30
25
20
15
10
5
5
10
15
20
10 20 30
506070
40
080
°4°
C/
W
°2°
C/
W
°3°
C/
W
35
On-state current
(A)
Ambient
temperature °C
To order
For accessories see page 4/9 and 4/10
For dimensions see page 4/8
GAO range three-phase motor reversing relay
To order
s
Reverses rotation of three-phase motors
s
Output voltage 24-480 V~
s
Input voltage 3-32 V
c
s
Reversal delay : 100ms
s
Interlock against simultaneous actuation in both directions
s
Back-to-back SCRs
s
Input to output insulation voltage: 5000 V
a
s
Protected by RC filter and overvoltage limiter
s
Direction of rotation displayed by 2 green LEDS
For accessories see page 4/9 and 4/10
25 A
24 • 480 V
a
3 • 32 V
c
Rating
Output voltage
Input voltage
84 067 441
Part number
Thermal curves
GAO range - 25 A
Dimensions
(General tolerances ± 0.5)
50
40
30
20
10
510
15
20
10
25
20 30 40 50 60 70 80
7
8
9
1
1
1
0
0,5°
C
/ W
1°
C
/ W
2° C
/ W
3° C / W
104
81
61
41
21
5,3
12,1
92
6,35
7,62
L1
U
L2
V
A1F
A2
A1R
On-state current
(A)
Ambient
temperature (° C)
4 M4 screws
No heatsink
3 M3.5 screws
Solid state relays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com