công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC3A2M bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC3A2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC3A2M bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC

  XS3F-M8PVC3A2M Datasheet HTML 1Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 2Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 3Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 4Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 5Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 6Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 7Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 8Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
E2E/E2EQ NEXT Series
19
E2E NEXT Series (Quadruple distance model)
DC 3-wire [Refer to Dimensions on page 64.]
Unshielded
*1. Models with 5-m cable length are also available (Example: E2E-X16MB1D12 5M)
*2. Models with 2-m and 5-m robot (bending-resistant) cables are also available with "-R" in the model number. (Example: E2E-X16MB1D12-R
2M/E2E-X16MB1D12-R 5M)
*3. Models with M12 Smartclick connector model robot (bending-resistant) cables are also available with R" in the model number. (Example: E2E-
X16MB1D12-M1TJR 0.3M)
Note: 1. Models in
are equipped with IO-Link (COM2). For IO-Link (COM3), select a model number with the format of "E2E-X
@@@T@"
(Example: E2E-X16MB1T12 2M).
Operation mode NO can be changed to NC via IO-Link communications.
2. IO-Link is not supported for NC-type PNP outputs or all types of NPN outputs.
Size (Sensing
distance)
Connection method
Body size
Operation
mode
Model
PNP
NPN
M8
(8 mm)
Pre-wired (2 m) *1
38 mm *2
NO
E2E-X8MB1D8 2M
E2E-X8MC18 2M
NC
E2E-X8MB28 2M
E2E-X8MC28 2M
48 mm
NO
E2E-X8MB1DL8 2M
E2E-X8MC1L8 2M
NC
E2E-X8MB2L8 2M
E2E-X8MC2L8 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
38 mm *3
NO
E2E-X8MB1D8-M1TJ 0.3M
E2E-X8MC18-M1TJ 0.3M
NC
E2E-X8MB28-M1TJ 0.3M
E2E-X8MC28-M1TJ 0.3M
48 mm
NO
E2E-X8MB1DL8-M1TJ 0.3M
E2E-X8MC1L8-M1TJ 0.3M
NC
E2E-X8MB2L8-M1TJ 0.3M
E2E-X8MC2L8-M1TJ 0.3M
M12 Connector
43 mm
NO
E2E-X8MB1D8-M1
E2E-X8MC18-M1
NC
E2E-X8MB28-M1
E2E-X8MC28-M1
53 mm
NO
E2E-X8MB1DL8-M1
E2E-X8MC1L8-M1
NC
E2E-X8MB2L8-M1
E2E-X8MC2L8-M1
M8 Connector (4-pin)
39 mm
NO
E2E-X8MB1D8-M3
E2E-X8MC18-M3
NC
E2E-X8MB28-M3
E2E-X8MC28-M3
49 mm
NO
E2E-X8MB1DL8-M3
E2E-X8MC1L8-M3
NC
E2E-X8MB2L8-M3
E2E-X8MC2L8-M3
M8 Connector (3-pin)
39 mm
NO
E2E-X8MB1D8-M5
E2E-X8MC18-M5
NC
E2E-X8MB28-M5
E2E-X8MC28-M5
49 mm
NO
E2E-X8MB1DL8-M5
E2E-X8MC1L8-M5
NC
E2E-X8MB2L8-M5
E2E-X8MC2L8-M5
M12
(16 mm)
Pre-wired (2 m) *1
47 mm *2
NO
E2E-X16MB1D12 2M
E2E-X16MC112 2M
NC
E2E-X16MB212 2M
E2E-X16MC212 2M
69 mm
NO
E2E-X16MB1DL12 2M
E2E-X16MC1L12 2M
NC
E2E-X16MB2L12 2M
E2E-X16MC2L12 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
47 mm *3
NO
E2E-X16MB1D12-M1TJ 0.3M
E2E-X16MC112-M1TJ 0.3M
NC
E2E-X16MB212-M1TJ 0.3M
E2E-X16MC212-M1TJ 0.3M
69 mm
NO
E2E-X16MB1DL12-M1TJ 0.3M
E2E-X16MC1L12-M1TJ 0.3M
NC
E2E-X16MB2L12-M1TJ 0.3M
E2E-X16MC2L12-M1TJ 0.3M
M12 Connector
48 mm
NO
E2E-X16MB1D12-M1
E2E-X16MC112-M1
NC
E2E-X16MB212-M1
E2E-X16MC212-M1
70 mm
NO
E2E-X16MB1DL12-M1
E2E-X16MC1L12-M1
NC
E2E-X16MB2L12-M1
E2E-X16MC2L12-M1
M18
(30 mm)
Pre-wired (2 m) *1
77 mm *2
NO
E2E-X30MB1DL18 2M
E2E-X30MC1L18 2M
NC
E2E-X30MB2L18 2M
E2E-X30MC2L18 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
77 mm *3
NO
E2E-X30MB1DL18-M1TJ 0.3M
E2E-X30MC1L18-M1TJ 0.3M
NC
E2E-X30MB2L18-M1TJ 0.3M
E2E-X30MC2L18-M1TJ 0.3M
M12 Connector
75 mm
NO
E2E-X30MB1DL18-M1
E2E-X30MC1L18-M1
NC
E2E-X30MB2L18-M1
E2E-X30MC2L18-M1
M30
(50 mm)
Pre-wired (2 m) *1
97 mm *2
NO
E2E-X50MB1DL30 2M
E2E-X50MC1L30 2M
NC
E2E-X50MB2L30 2M
E2E-X50MC2L30 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
97 mm *3
NO
E2E-X50MB1DL30-M1TJ 0.3M
E2E-X50MC1L30-M1TJ 0.3M
NC
E2E-X50MB2L30-M1TJ 0.3M
E2E-X50MC2L30-M1TJ 0.3M
M12 Connector
95 mm
NO
E2E-X50MB1DL30-M1
E2E-X50MC1L30-M1
NC
E2E-X50MB2L30-M1
E2E-X50MC2L30-M1
PREMIUM Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com