công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC3A2M bảng dữ liệu(PDF) 21 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC3A2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC3A2M bảng dữ liệu(HTML) 21 Page - Omron Electronics LLC

Back Button XS3F-M8PVC3A2M Datasheet HTML 17Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 18Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 19Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 20Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 21Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 22Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 23Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 24Page - Omron Electronics LLC XS3F-M8PVC3A2M Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
E2E/E2EQ NEXT Series
35
Accessories (Sold Separately)
Sensor I/O Connectors
(Models for Pre-wired Connectors) A Sensor I/O Connector is not provided with the Sensor. It must be ordered separately
as required.
Round Oil-resistant Connectors XS5 NEXT series
Note: For details of the connector, refer to XS5 NEXT Series on page 87.
Round Water-resistant Connectors XS5 series
Note: For details of the connector, refer to XS5 Series on page 94.
Appearance
Cable
specification
Type
Cable
diameter
(mm)
Cable connection
direction
Cable
length (m)
Sensor I/O Connector
model number
Applicable Proximity
Sensor model number
M12
Smartclick
Connector Models
Straight type
Oil-resistant
PVC cable
Sockets on One
Cable End
6 dia.
Straight
1
XS5F-D421-C80-X
E2E-X
@@@-M1TJ(R)
E2EQ-X
@@@-M1TJ
E2E(Q)-X
@@@-M1
2
XS5F-D421-D80-X
3
XS5F-D421-E80-X
5
XS5F-D421-G80-X
10
XS5F-D421-J80-X
Oil-resistant
PVC robot cable
Sockets on One
Cable End
6 dia.
Straight
1
XS5F-D421-C80-XR
2
XS5F-D421-D80-XR
3
XS5F-D421-E80-XR
5
XS5F-D421-G80-XR
10
XS5F-D421-J80-XR
Oil-resistant
PVC cable
Socket and Plug
on Cable Ends
6 dia.
Straight (Socket)/
Straight (Plug)
1
XS5W-D421-C81-X
2
XS5W-D421-D81-X
3
XS5W-D421-E81-X
5
XS5W-D421-G81-X
10
XS5W-D421-J81-X
Oil-resistant
PVC robot cable
Socket and Plug
on Cable Ends
6 dia.
Straight (Socket)/
Straight (Plug)
1
XS5W-D421-C81-XR
2
XS5W-D421-D81-XR
3
XS5W-D421-E81-XR
5
XS5W-D421-G81-XR
10
XS5W-D421-J81-XR
Appearance
Cable
Specification
Type
Cable
diameter
(mm)
Cable Connection
Direction
Cable
length
(m)
Sensor I/O Connector
model number
Applicable Proximity
Sensor model number
M12
Smartclick
Connector
Straight type
Right-angle type
PVC robot cable
Sockets on One
Cable End
6 dia.
Straight
1
XS5F-D421-C80-F
E2E-X
@@@-M1TJ(R)
E2EQ-X
@@@-M1TJ
E2E(Q)-X
@@@-M1
2
XS5F-D421-D80-F
3
XS5F-D421-E80-F
5
XS5F-D421-G80-F
10
XS5F-D421-J80-F
Right-angle
1
XS5F-D422-C80-F
2
XS5F-D422-D80-F
3
XS5F-D422-E80-F
5
XS5F-D422-G80-F
10
XS5F-D422-J80-F
Socket and Plug
on Cable Ends
6 dia.
Straight (Socket)/
Straight (Plug)
1
XS5W-D421-C81-F
2
XS5W-D421-D81-F
3
XS5W-D421-E81-F
5
XS5W-D421-G81-F
10
XS5W-D421-J81-F
Right-angle (Socket)/
Right-angle (Plug)
2
XS5W-D422-D81-F
5
XS5W-D422-G81-F
Straight (Socket)/
Right-angle (Plug)
2
XS5W-D423-D81-F
5
XS5W-D423-G81-F
Right-angle (Socket)/
Straight (Plug)
2
XS5W-D424-D81-F
5
XS5W-D424-G81-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com