| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMCSD291 bảng dữ liệu(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD291 bảng dữ liệu(HTML) 22 Page - Omron Electronics LLC |
|
22 / 32 page ![]() 22 System Configuration FQ2-S1 FQ2-S2 FQ2-S3 FQ2-S4 FQ2-CH FQ-CR1 FQ-CR2 FQ2-S1 FQ2-S2 FQ2-S3 FQ2-S4 FQ2-CH FQ-CR1 FQ-CR2 FQ2-S1 FQ2-S2 FQ2-S3 FQ2-S4 FQ2-CH FQ-CR1 FQ-CR2 FQ2-S1 FQ2-S2 FQ2-S3 FQ2-S4 FQ2-CH FQ-CR1 FQ-CR2 Note: Note: If you register as a member after purchasing a Sensor, you can download free setup software Touch Finder for PC that runs on a PC and can be used in place of Touch Finder. Refer to the member registration sheet for details. Up to 32 Sensors can be set up and monitored from a single Touch Finder or Touch Finder for PC. Various types of Sensors can be used at the same time. However, I/O type and wiring method vary depending on the Sensor, so select the necessary devices. Ethernet (EtherNet/IP, No-protocol, or PLC Link) Connection Parallel Interface Connection I/O Cable FQ-WD FQ Ethernet Cable FQ-WN Sensor Data Unit Cable FQ-WU Parallel Cable for FQ-SDU1 FQ-VP1 x 2 cables Touch Finder FQ2-D or Touch Finder for PC Sensor FQ2-S3/S4/CH Sensor control PLC I/O control PLC Trigger sensor FL-STC Lighting Controller Parallel Interface Sensor Data Unit FQ-SDU1 FL-series External Lighting FL-STC Lighting Controller FL-series External Lighting FQ Ethernet Cable FQ-WN Parallel Cable for FQ-SDU2 FQ-VP2 x 2 cables RS-232C Cable XW2Z- @00S-V Touch Finder FQ2-D or Touch Finder for PC Sensor FQ2-S3/S4/CH Sensor control PLC FL-series External Lighting Sensor control PLC I/O control PLC Trigger sensor FL-STC Lighting Controller RS-232C Interface Sensor Data Unit FQ-SDU2 Sensor FQ2-S1/S2/S3/S4/CH, FQ-CR1/CR2 I/O control PLC Trigger sensor FL-STC Lighting Controller FL-series External Lighting RS-232C Serial Connection Touch Finder FQ2-D or Touch Finder for PC * RJ-45 of the FCC regulations Standard Ethernet Cable * FQ Ethernet Cable FQ-WN Standard Ethernet Cable * Control PLC Switching Hub W4S1 I/O Cable FQ-WD FQ Ethernet Cable FQ-WN Touch Finder FQ2-D or Touch Finder for PC DC24V DC24V DC24V DC24V DC24V DC24V Sensor control PLC I/O control PLC Trigger sensor Sensor FQ2-S1/S2/S3/S4/CH,FQ-CR1/CR2 Sensor Data Unit Cable FQ-WU Special Ethernet Cable FQ-WN Sensors (32 max.)* FQ2-S1/S2/S3/S4/CH,FQ-CR1/CR2 Switching Hub W4S1 Touch Finder FQ2-D or Touch Finder for PC Standard Ethernet Cable RJ-45 of the FCC regulations *The Setup Tool can connect to up to 32 Sensors and it can display up to eight Sensors at the same time. Connection with Standard Parallel Interface of the Sensor Connection through a Parallel Interface Sensor Data Unit Compatible Model compatible with communications interface Not compatible (FQ2-S3 only) DC24V DC24V |