công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMCSD291 bảng dữ liệu(PDF) 15 Page - Omron Electronics LLC

tên linh kiện HMCSD291
Giải thích chi tiết về linh kiện  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD291 bảng dữ liệu(HTML) 15 Page - Omron Electronics LLC

Back Button HMCSD291 Datasheet HTML 11Page - Omron Electronics LLC HMCSD291 Datasheet HTML 12Page - Omron Electronics LLC HMCSD291 Datasheet HTML 13Page - Omron Electronics LLC HMCSD291 Datasheet HTML 14Page - Omron Electronics LLC HMCSD291 Datasheet HTML 15Page - Omron Electronics LLC HMCSD291 Datasheet HTML 16Page - Omron Electronics LLC HMCSD291 Datasheet HTML 17Page - Omron Electronics LLC HMCSD291 Datasheet HTML 18Page - Omron Electronics LLC HMCSD291 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Partial Input with DAP (Dual Axis Partial) Processing
Would you like a little more positioning accuracy?
Do you need a wider field of view?
We hear you, and that is why we have greatly im-
proved the resolution of our camera.
The 1.3 megapixels maintain precision and accuracy
while also enabling a wider field of view.
Precision 1.3 Megapixel Camera
Sub-pixel Processing
Processing time can be further reduced by limiting
the camera input to only the area that is required
for inspection. Previous models allowed trimming
only in the Y direction, but now you can specify a
range across both the X and Y axes for trimming.
Keep a wide field of view and trim to only the sec-
tions that are required for inspection in each scene
to reduce processing time.
Megapixel CMOS Sensor
Sensor with C-mount
350,000 pixels
1.3 megapixels
Integrated Sensor
Previously, position information could only be
output on a per-pixel basis, but now you can output
at a resolution even higher than the number of avail-
able pixels. This provides finer measurement values
for travel distances and helps to improve positioning
accuracy.
Sensor with C mount
Integrated Sensor
[ Problems with a Standard Digital Zoom ]
Camera input is performed for all images and only a portion is
shown enlarged, so this does not decrease the amount of time
required for camera input.
1.3 Megapixels
760,000 Pixels
Note: DAP processing is provided only on 760,000-pixel and
1,300,000-pixel Sensors.
Typical Problem
Sub-pixel Processing
The position of the edge
cannot be detected accurately.
The position of the edge is
detected with greater accuracy.
Sensor with C-mount
Integrated Sensor
1.3 Megapixels
gp
760,000 Pixels
,
Megapixel CMOS Sensor
1/3
1/5
Workpiece A
Workpiece B
Field of
View Y
Field of View X
Partial Input Y
Partial
Input X
*
* 350,000 pixels types are also
available.
(Comparisons to previous OMRON models)
4 Times the Pixels
1,000 Times the Display Resolution
1,000x
1,000x
improvement
improvement
1,000x
improvement
1-pixel
increments
0.001-pixel
increments
Color
Monochrome
Color
Monochrome
Workpiece A
Workpiece B
Field of
View Y
Field of View X
Partial Input Y
Partial
Input X
Partial input allows you to input only the portion of
an image that is required for inspection by changing
scenes, without having to change the field of view.
Partial Input
You can enlarge the
display of the partial
input image.
Enlarged Display
15
Total Reflection
Reflection
Reflection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32