công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D41L-MS bảng dữ liệu(PDF) 21 Page - Omron Electronics LLC

tên linh kiện D41L-MS
Giải thích chi tiết về linh kiện  High-Coded Guard Lock Safety Door Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D41L-MS bảng dữ liệu(HTML) 21 Page - Omron Electronics LLC

Back Button D41L-MS Datasheet HTML 13Page - Omron Electronics LLC D41L-MS Datasheet HTML 14Page - Omron Electronics LLC D41L-MS Datasheet HTML 15Page - Omron Electronics LLC D41L-MS Datasheet HTML 16Page - Omron Electronics LLC D41L-MS Datasheet HTML 17Page - Omron Electronics LLC D41L-MS Datasheet HTML 18Page - Omron Electronics LLC D41L-MS Datasheet HTML 19Page - Omron Electronics LLC D41L-MS Datasheet HTML 20Page - Omron Electronics LLC D41L-MS Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
OMRON CANADA, INC. • HEAD OFFICE
Toronto, ON, Canada • 416.286.6465 • 866.986.6766 • automation.omron.com
OMRON ELECTRONICS DE MEXICO • HEAD OFFICE
Ciudad de México • 52.55.5901.4300 • 01.800.386.6766 • mela@omron.com
OMRON ELECTRONICS DE MEXICO • SALES OFFICE
San Pedro Garza García, N.L. • 81.12.53.7392 • 01.800.386.6766 • mela@omron.com
OMRON ELECTRONICS DE MEXICO • SALES OFFICE
Eugenio Garza Sada,León, Gto • 01.800.386.6766 • mela@omron.com
OMRON ELETRÔNICA DO BRASIL LTDA • HEAD OFFICE
São Paulo, SP, Brasil • 55 11 5171-8920 • automation.omron.com
OMRON ARGENTINA • SALES OFFICE
Buenos Aires, Argentina • +54.11.4521.8630 • +54.11.4523.8483
mela@omron.com
OTHER OMRON LATIN AMERICA SALES
+54.11.4521.8630 • +54.11.4523.8483 • mela@omron.com
F113I-E3-02
Note: Specifications are subject to change.
© 2021 Omron. All Rights Reserved.
Printed in U.S.A.
Printed on recycled paper.
OMRON AUTOMATION AMERICAS HEADQUARTERS • Chicago, IL USA • 847.843.7900 • 800.556.6766 • automation.omron.com
1
High-Coded Non-Contact Safety Door Switch
D41D
Matches with machine design.
Initial setup by batch pairing is
quick and easy.
High-Coded Safety Door Switch
Three types of actuators fit in narrow spaces and corners inside machines
D41D-A1
Refer to Safety Precautions on page 17
D41D-A2
• Fits in narr
Installation example
ow spaces and
: swinging door
corners
I
D41D-A3
•
Insta
F
llation examp
lat design matches t
le: acrylic glass door
he surroundings
• Tamper-proof safetydoor switch to pr
event human error
• Easy automatic pairing
• Fits in narrow spaces and corners inside machines
• Three types of actuators
• Complies with ISO 14119 (Type 4/High Coded),
ISO 13849-1 (PLe)
space
• C
nstallation exa
ompact size for
mple: sliding
acrylic glass doors
door, narrow
saf
For
et
the
y st
most r
anda
ecent
rds, ref
inf
er to
ormat
yo
ion on mode
ur OMRON websit
ls that ha
e.
ve been certified for
* The actuator is sold separately.
A high-coded safety switch is defined as one where a sensor is paired with a high level coded actuator for which more than 1,00
0
variations are available.
1
High-Coded Guard Lock Safety Door Switch
D41L
Keep your machines hygienic
Identical mounting for left and right hinged doors
Features
Refer to Safety Precautions on page18
L
• A
arge actuat
ctuator tolerance in
or tolerances
• Tamper-proof safetydoor switch to pr
event human error
• Hygienically designed switch
Unique locking mechanism prevents water
and foreign matter from collecting
Smooth surface leavesno wiping unevenness
• Complies with ISO 14119 (Type 4/High Coded),
ISO 13849-1 (PLe)
• ECOLAB certified
• T
Easy lat
he la
chin
tching for
g force adju
ce can be
stment
•
LED d
S
isplay
•
from 25 N to 50 N simply
increased
by turning the star
Position I: approx. 25 N,
handle 180°.
Position II: approx. 50 N
•
by means o
mart diagnostic
f 3-colo
LED red: Fault
r LED's
LED gre
LED yellow: Status
en: Power
* The actuator is sold separately.
saf
For
et
the
y st
most r
anda
ecent
rds, ref
inf
er to
ormat
yo
ion on mode
ur OMRON websit
ls that ha
e.
ve been certified for
±3.5 mm
±2.0 mm
A high-coded safety switch is defined as one where a sensor is paired with a high level coded actuator for which more than 1,00
0 variations are
available.
High Coded Non-Contact
Safety Door Switch
D41D
(No.F112)
High Coded Guard Lock
Safety Door Switch
D41L
(No.F113)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com