| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D41L-MS bảng dữ liệu(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D41L-MS bảng dữ liệu(HTML) 13 Page - Omron Electronics LLC |
|
13 / 21 page ![]() D41L 13 Operating Principle Operating Principle Magnet control In the power-to-unlock version of the D41L, the safety door switch is unlocked when the Solenoid Control signal (= 24V) is set. In the power-to-lock version of the D41L, the safety door switch is locked when the Solenoid Control signal (= 24 V) is set. If the risk analysis indicates the use of a monitored interlock then a variant with the monitored interlock (D41L-Y) is to be used, labelled with the symbol. The actuator monitoring variant (D41L-Z) is a safety switch with an interlock function for process protection. Mode of operation of the safety outputs In the standard D41L variant, the unlocking of the safety door switch causes the safety outputs to be disabled. The unlocked guard door can be relocked as long as the actuator is inserted in the D41L safety door switch; in that case, the safety outputs are re-enabled. The guard door must not be opened. In the D41L-Z version, only the opening of the guard door causes the safety outputs to be disabled. If the safety outputs are already enabled, any error that does not immediately affect the functionality of the safety door switch (e.g. too high ambient temperature, interference potential at the safety outputs, cross-wire short) will lead to a warning message, disabling of the auxiliary output and a delayed shutdown of the safety outputs. (Refer to Troubleshooting on page 17.) Safety outputs are disabled if the error warning is active for 30 minutes. The signal combination, auxiliary output disabled and safety channels still enabled, can be used to stop the production process in a controlled manner. After the rectification of the error, the error message is reset by opening the corresponding guard door. Latching Force Adjustment Adjustment of the latching force In order to enable trouble-free functionality of the device, the rotary handle must be in position I or II when the guard door is open. In the intermediate positions, locking is impossible. The latching force is changed by turning the rotary handle by 180°. In position I, the latching force is approx. 25 N. In position II, the latching force is approx. 50 N. Diagnostic Function Diagnostic LEDs The safety door switch signals the operating condition, as well as errors through 3-color LEDs. Green (Power): Supply voltage on Yellow (Status): Operating condition Red (Fault): Error (refer to Table 2)/ flash codes red diagnostic LED Safety door switch with conventional auxiliary output The auxiliary output OUT can be used for central visualization or control functions, e.g. in a PLC. The auxiliary output is not a safety-related output. • Input signal magnet control • Normal sequence, door was locked • Door could not be locked or fault Key IN t d 200 ms OUT OUT Guard door open Guard door closed Unlock guard door Guard door locked Locking time Guard door not locked or fault |