| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F877 bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 22 page ![]() 2002 Microchip Technology Inc. DS39025F-page 7 PIC16F87X 2.5 Erasing Program and Data Memory Depending on the state of the code protection bits, pro- gram and data memory will be erased using different procedures. The first set of procedures is used when both program and data memories are not code pro- tected. The second set of procedures must be used when either memory is code protected. A device pro- grammer should determine the state of the code pro- tection bits and then apply the proper procedure to erase the desired memory. 2.5.1 ERASING NON-CODE PROTECTED PROGRAM AND DATA MEMORY When both program and data memories are not code protected, they must be individually erased using the following procedures. The only way that both memories are erased using a single procedure is if code protec- tion is enabled for one of the memories. These proce- dures do not erase the configuration word or ID locations. Procedure to bulk erase program memory: 1. Execute a Load Data for Program Memory com- mand (000010) with a ’1’ in all locations (0x3FFF) 2. Execute a Bulk Erase Setup1 command (000001) 3. Execute a Bulk Erase Setup2 command (000111) 4. Execute a Begin Erase/Programming command (001000) 5. Wait 8 ms 6. Execute a Bulk Erase Setup1 command (000001) 7. Execute a Bulk Erase Setup2 command (000111) Procedure to bulk erase data memory: 1. Execute a Load Data for Data Memory com- mand (000011) with a ’1’ in all locations (0x3FFF) 2. Execute a Bulk Erase Setup1 command (000001) 3. Execute a Bulk Erase Setup2 command (000111) 4. Execute a Begin Erase/Programming command (001000) 5. Wait 8 ms 6. Execute a Bulk Erase Setup1 command (000001) 7. Execute a Bulk Erase Setup2 command (000111) 2.5.2 ERASING CODE PROTECTED MEMORY For the PIC16F87X devices, once code protection is enabled, all protected program and data memory loca- tions read all ’0’s and further programming is disabled. The ID locations and configuration word read out unscrambled and can be reprogrammed normally. The only procedure to erase a PIC16F87X device that is code protected is shown in the following procedure. This method erases program memory, data memory, configuration bits and ID locations. Since all data within the program and data memory will be erased when this procedure is executed, the security of the data or code is not compromised. 1. Execute a Load Configuration command (000000) with a ’1’ in all locations (0x3FFF) 2. Execute Increment Address command (000110) to set address to configuration word location (0x2007) 3. Execute a Bulk Erase Setup1 command (000001) 4. Execute a Bulk Erase Setup2 command (000111) 5. Execute a Begin Erase/Programming command (001000) 6. Wait 8 ms 7. Execute a Bulk Erase Setup1 command (000001) 8. Execute a Bulk Erase Setup2 command (000111) |