| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO6042LDFPR bảng dữ liệu(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6042LDFPR bảng dữ liệu(HTML) 42 Page - Texas Instruments |
|
42 / 56 page ![]() • Removed Package from Device Features table, package option per device configuration is summarized in the Device Comparison and Mechanical, Packaging, and Orderable Information sections. ................................. 31 • Updated eye diagrams in the Application Curve section.................................................................................. 36 • Added app note "Maintain Isolation Ratings in Half the Size with DFB and DFP Digital Isolator Packaging" to Related Documentation section........................................................................................................................40 Changes from Revision * (December 2025) to Revision A (March 2026) Page • Updated status of the data sheet to mixed status for both production and advanced information devices, refer to the Packaging Information table on the Package Option Addendum page in the Mechanical, Packaging, and Orderables section for Production or Preproduction status for specific device and package. Added small form factor packages Wide-SSOP (DFP-16) and SSOP (DBQ-16) to document. .............................................1 • Updated the CMTI minimum and typical values, updated part to part skew maximum values and removed clock jitter throughout the document. .................................................................................................................1 • Deleted planned CSA certification and added planned UL 1577 and CSA CAS Notice No. 5A certification throughout the document. Removed IEC 60601-1 from planned certifications. ................................................ 1 • Updated the numbering format for tables, figures, and cross-references throughout the document................. 1 • Updated the part to part skew for 2.5V, 3.3V and 5V VCC maximum values and updated the time interval error (tie) typical values for all VCCs in the Switching Characteristics sections. ..........................................................6 • Updated the minimum and typical CMTI values for all VCCs and updated the typical values for input capacitance (CI) for all VCCs in Electrical Characteristics sections. ...................................................................6 • Updated the maximum ICC1 and ICC2 values for all VCCs in the Supply Current sections for 10Mbps, 25Mbps and 100Mbps. Added typical ICC ICC1 and ICC2 values for all VCCs in the Supply Current sections.................. 6 • Added the Insulation Characteristics Curves section to the document............................................................ 24 • Added the Typical Characteristics section to the document............................................................................. 26 • Added the Application Curve section to the document.....................................................................................36 12 Mechanical, Packaging, and Orderable Information The following pages include mechanical packaging and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. ISO6040, ISO6041, ISO6042 SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026 www.ti.com 42 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISO6040 ISO6041 ISO6042 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |