công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO6041LDFPR bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện ISO6041LDFPR
Giải thích chi tiết về linh kiện  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDFPR bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button ISO6041LDFPR Datasheet HTML 28Page - Texas Instruments ISO6041LDFPR Datasheet HTML 29Page - Texas Instruments ISO6041LDFPR Datasheet HTML 30Page - Texas Instruments ISO6041LDFPR Datasheet HTML 31Page - Texas Instruments ISO6041LDFPR Datasheet HTML 32Page - Texas Instruments ISO6041LDFPR Datasheet HTML 33Page - Texas Instruments ISO6041LDFPR Datasheet HTML 34Page - Texas Instruments ISO6041LDFPR Datasheet HTML 35Page - Texas Instruments ISO6041LDFPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
8.5 Device I/O Schematics
INx
VCCI
VCCI
VCCI
≅1M
≅1k
Figure 8-2. Input (INx) Default High (Device With H
Suffix) Schematics
VCCI
≅1M
INx
VCCI
≅1k
Figure 8-3. Input (INx) Default High (Device With L
Suffix) Schematics
VCCO
≅22
OUTx
Figure 8-4. Output (OUTx) Schematics
ENx
VCCI
VCCI
VCCI
≅1M
≅1k
Figure 8-5. Enable (ENx) Schematics
8.6 Overvoltage Tolerant Input
The input pins of this device, INx and ENx, support input signal voltage in excess of the supply voltage (VCCI)
on the input side of the device as long as the voltage on the inputs remains below the voltages listed in the
Recommended Operating Conditions and Absolute Maximum sections.
This allows the device to support input signal voltages on the inputs when the input supply, VCCI, is unpowered.
In this use case, the outputs transition to the default output state when the input side no longer has a valid
supply.
These inputs also provide the capability of the inputs to down translate input signal voltages up to the VIMAX in
the Recommended Operating Conditions section. For example, an input signal 5V high-level can be used while
VCCI is operating a 3.3V.
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com