| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO6041LDWR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6041LDWR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 56 page ![]() 5 Pin Configuration and Functions 1 VCC1 16 VCC2 2 GND1 15 GND2 3 INA 14 OUTA 4 INB 13 OUTB 5 INC 12 OUTC 6 IND 11 OUTD 7 NC 10 EN2 8 GND1 9 GND2 Not to scale Figure 5-1. ISO6040H and ISO6040L Top View 1 VCC1 16 VCC2 2 GND1 15 GND2 3 INA 14 OUTA 4 INB 13 OUTB 5 INC 12 OUTC 6 OUTD 11 IND 7 EN1 10 EN2 8 GND1 9 GND2 Not to scale Figure 5-2. ISO6041H and ISO6041L Top View 1 VCC1 16 VCC2 2 GND1 15 GND2 3 INA 14 OUTA 4 INB 13 OUTB 5 OUTC 12 INC 6 OUTD 11 IND 7 EN1 10 EN2 8 GND1 9 GND2 Not to scale Figure 5-3. ISO6042H and ISO6042L Top View Table 5-1. Pin Functions PIN Type(1) DESCRIPTION NAME ISO6041H , ISO6041L EN1 7 I Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and in high-impedance state when EN1 is low. EN2 10 I Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and in high-impedance state when EN2 is low. GND1 2,8 — Ground connection for VCC1, connect both pins to Ground 1 through a low impedance ground plane or connection. GND2 9,15 — Ground connection for VCC2, connect both pins to Ground 2 through a low impedance ground plane or connection. INA 3 I Input, channel A INB 4 I Input, channel B INC 5 I Input, channel C IND 11 I Input, channel D ISO6040, ISO6041, ISO6042 SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026 www.ti.com 4 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISO6040 ISO6041 ISO6042 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |