| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P6KE47A bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
P6KE47A bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 6 page ![]() Packaging : standard packaging is in tape and reel. PACKAGE MECHANICAL DATA CB417 (Plastic) CA B O / O / D O / D C ORDER CODE P6 KE 100 C A RL PACKAGING: = Ammopack tape RL = Tape and reel. REF. DIMENSIONS Millimetres Inches Min. Max. Min. Max. A 8.89 0.350 B 3.683 0.145 C 25.4 1.000 D 1.092 0.043 Weight = 0.65 g. 600 W BREAKDOWN VOLTAGE MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only). BIDIRECTIONAL Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com P6KExx 6/6 |